Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 137Page - STMicroelectronics ST92163 Datasheet HTML 138Page - STMicroelectronics ST92163 Datasheet HTML 139Page - STMicroelectronics ST92163 Datasheet HTML 140Page - STMicroelectronics ST92163 Datasheet HTML 141Page - STMicroelectronics ST92163 Datasheet HTML 142Page - STMicroelectronics ST92163 Datasheet HTML 143Page - STMicroelectronics ST92163 Datasheet HTML 144Page - STMicroelectronics ST92163 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 224 page
background image
141/224
ST92163 - USB PERIPHERAL (USB)
USB INTERFACE (Cont’d)
Interrupt sources are classified according to the
following table
CONTROL REGISTER (USBCTLR)
R252 - Read/Write
Register page: 15
Reset Value: 0001 0101 (15h)
Bit 7 = Reserved. This bit is fixed by hardware at 0.
Bit 6 = TIM_SUSP:
Timed Suspend.
Set by software when the SUSP interrupt is re-
ceived to enter “timed-suspend” state.
0: Timed suspend inactive
1: Timed suspend active. The USB interface oper-
ates as in suspend mode but clocks and static
power dissipation in the analog transceiver are
not stopped.
Bit 5 = Reserved.
Bit 4 = SDNAV:
Single/Multiple Vector Selection.
This bit is set by software to select the single or
multiple interrupt vector mode .
0: Multiple interrupt vector mode
1: Single interrupt vector mode
See USBIVR register description for detailed infor-
mation.
Bit 3 = RESUME:
Resume request.
Set by software to send a Resume signal to the
host.
0: Resume signal not forced on USB data lines.
1: Resume signal forced on USB data lines.
Bit 2 = PDWN:
Power Down.
Set by software to turn off the 3.3V on-chip voltage
regulator that supplies the external pull-up resistor
and the transceiver.
Note: As a consequence the voltage on both USB
root port signal lines will drift to 0V because of the
pull-down resistors in the upstream USB host or
hub, generating a disconnect indication. At least 2
µs are required until the 3.3V supply falls within
specifications after this bit is cleared, depending
on the value of the external bypass capacitor.
Bit 1 = LP_SUSP:
Low-power suspend.
Set by software to put the USB interface in “low-
power suspend” state. This condition should be
entered
while
in
“timed
suspend”
state
(TIM_SUSP=1).
0: Low-power suspend inactive
1: Low-power suspend active
Bit 0 = FRES:
Force USB Reset.
Set by software to force a reset of the USB inter-
face, just like a RESET signal on the USB. The
USB interface is held in RESET state until soft-
ware clears this bit, and a “USB-RESET” interrupt
is generated, if enabled.
0: Reset not forced
1: USB interface reset forced
70
0
TIM_
SUSP
0
SDNAV
RESUME
PDWN
LP_
SUSP
FRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com