Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 136Page - STMicroelectronics ST92163 Datasheet HTML 137Page - STMicroelectronics ST92163 Datasheet HTML 138Page - STMicroelectronics ST92163 Datasheet HTML 139Page - STMicroelectronics ST92163 Datasheet HTML 140Page - STMicroelectronics ST92163 Datasheet HTML 141Page - STMicroelectronics ST92163 Datasheet HTML 142Page - STMicroelectronics ST92163 Datasheet HTML 143Page - STMicroelectronics ST92163 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 224 page
background image
140/224
ST92163 - USB PERIPHERAL (USB)
USB INTERFACE (Cont’d)
Bit 4 = ESUSP:
End Suspend mode.
0: No activity detected during Suspend mode
1: USB activity is detected that wakes up the USB
interface during suspend mode.
Note: This event asynchronously clears the
LP_SUSP bit in the USBCTLR register and acti-
vates the WKUP15 internal wake-up line to notify
the
WUIMU
(if
STOP_CK_EN=1
in
the
DEVCONF1 register)
Bit 3 = SUSP
Suspend mode request.
0: No Suspend mode request
1: No USB traffic has been received for 3 ms.
Note: The suspend condition check is enabled im-
mediately after any USB reset and is disabled by
hardware
when
suspend
mode
is
active
(LP_SUSP = 1) until the end of resume sequence.
Bit 2 = RESET:
USB Reset request.
0: No USB Reset received.
1: USB Reset received.
Note: Device address and endpoint registers are
reset by an USB reset.
Bit 1 = SOF:
Start Of Frame.
0: No SOF packet received.
1: SOF packet received.
Bit 0 = ESOF:
Expected Start Of Frame.
0: No SOF packet missed
1: SOF packet is expected but not received.
INTERRUPT MASK REGISTER (USBIMR)
R250 - Read/Write
Register page: 15
Reset Value: 0000 0000 (00h)
This register contains mask bits for all interrupt
condition bits included in the USBISTR register.
Whenever one of the USBIMR bits is 1, if the cor-
responding USBISTR bit is 1, an interrupt request
is generated. For an explanation of each bit, refer
to the USBISTR register description.
INTERRUPT PRIORITY REGISTER (USBIPR)
R251- Read/Write
Register page: 15
Reset Value: 0xxx 0xxx (xxh)
Bit 7 = IEE:
Isochronous Endpoint Enable.
Set by software to enable Isochronous Endpoints.
This also enables CTR interrupts related to iso-
chronous endpoints and DMA overrun interrupts.
0: Isochronous endpoints disabled
1: Isochronous endpoints enabled
Bits 6:4 = PIECE[2:0]:
Priority level on Iso-
chronous Endpoint and DMA Over/Underrun.
Set by software to define the priority level of the is-
ochronous endpoint CTR events (0 is the highest
priority).
Bit 3 = NIEE:
Non-Isochronous Endpoint Enable.
Set by software to enable Non-Isochronous End-
points. This also enables CTR interrupts related to
non-isochronous (bulk, control, interrupt) end-
points.
0: Non-Isochronous endpoints disabled
1: Non-Isochronous endpoints enabled
Bits 2:0 = PNIEN[2:0]:
Priority level of Non Iso-
chronous Endpoints and Notification.
Set by software to define the priority level of non-
isochronous endpoint (bulk, control, interrupt)
CTR events. 0 is the highest priority.
70
0
DOVR
M
ERR
M
ESUSP
M
SUSP
M
RESET
M
SOF
M
ESOF
M
70
IEE
PIECE
2
PIECE
1
PIECE
0
NIEE
PNIEN
2
PNIEN
1
PNIEN
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com