Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 135Page - STMicroelectronics ST92163 Datasheet HTML 136Page - STMicroelectronics ST92163 Datasheet HTML 137Page - STMicroelectronics ST92163 Datasheet HTML 138Page - STMicroelectronics ST92163 Datasheet HTML 139Page - STMicroelectronics ST92163 Datasheet HTML 140Page - STMicroelectronics ST92163 Datasheet HTML 141Page - STMicroelectronics ST92163 Datasheet HTML 142Page - STMicroelectronics ST92163 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 224 page
background image
139/224
ST92163 - USB PERIPHERAL (USB)
USB INTERFACE (Cont’d)
Bit 0 = Reserved. This bit is fixed by hardware at 0.
INTERRUPT STATUS REGISTER (USBISTR)
R249 - Read/Write
Register page: 15
Reset Value: 0000 0000 (00h)
Each bit is set by hardware when the related event
occurs.
If one of these bits is set, the hardware clears the
CTRO bit and sets the V[3:0] bits in the USBIVR
register. In this way the USBIVR register will point
to the interrupt vector containing the address of
the service routine related to these interrupt sourc-
es. If several bits are set only a single interrupt will
be generated.
Note: to avoid spurious clearing of some bits, it is
recommended to clear them with a load instruction
where all bits which must not be altered are set to
1, and all bits to be cleared are set to 0. Read-
modify-write instructions like AND, XOR,... are to
be avoided: consider the case of clearing bit 0 of
USBISTR with an AND instruction, when only bit 7
of USBISTR is at 1 and the others at 0. First the
microcontroller reads the content of USBISTR
(=10h), then it clears bit 7 and writes the result
(=00h) in USBISTR. If between the read and the
write operations another bit were set by hardware
(e.g. bit 5), writing 00h would clear it before the mi-
croprocessor has the time to service the event.
Table 24. Classification of Interrupt Sources:
Bit 7 = Reserved. This bit is fixed by hardware at 0.
Bit 6 = DOVR:
DMA over/underrun.
ST9 processor has not been able to answer a
DMA request in time and the USB FIFO buffer is
full or empty depending on the transfer direction
(reception or transmission).
The USB handles this event in the following way:
during reception the ACK handshake packet is not
sent, during transmission a bit-stuffing error is
forced on the transmitted stream. In both cases
the host will retry the transaction. The DOVR inter-
rupt should never occur during normal operations.
Bit 5 = ERR:
Error.
One of the errors listed below has occurred:
– NANS: No answer. The timeout for a host re-
sponse has expired.
– CRC: CRC error. One of the received CRCs, ei-
ther in the token or in the data, was wrong.
– BST: Bit Stuffing error. A bit stuffing error was
detected anywhere in the PID, data, and/or CRC.
– FVIO: Framing format violation. A nonstandard
frame was received (EOP not in the right place,
wrong token sequence, etc.).
– BUFOVR: Buffer overrun. A packet longer than
the allocated DMA buffer has been received.
70
0
DOVR
ERR
ESUSP
SUSP
RESET
SOF
ESOF
Interrupt
Class
DOVR
DMA Over/Underrun event
ERR
Notification event
ESUSP
Notification event
SUSP
Notification event
RESET
Notification event
SOF
Notification event
ESOF
Notification event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com