Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 138Page - STMicroelectronics ST92163 Datasheet HTML 139Page - STMicroelectronics ST92163 Datasheet HTML 140Page - STMicroelectronics ST92163 Datasheet HTML 141Page - STMicroelectronics ST92163 Datasheet HTML 142Page - STMicroelectronics ST92163 Datasheet HTML 143Page - STMicroelectronics ST92163 Datasheet HTML 144Page - STMicroelectronics ST92163 Datasheet HTML 145Page - STMicroelectronics ST92163 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 224 page
background image
142/224
ST92163 - USB PERIPHERAL (USB)
USB INTERFACE (Cont’d)
CTR INTERRUPT FLAGS (CTRINF)
R253 - Read/Write
Register page: 15
Reset Value: 00xx xxx0 (xxh)
Note: This register is used only when the SDNAV
bit is 1.
Bit 7:6 = Reserved. These bits are fixed by hard-
ware at 0.
Bit 5 = INTO:
Interrupt occurred.
Set by hardware when SDNAV = 1 in the same
way as the CTRO bit in USBIVR register is set
when SDNAV = 0.
Bit 4:1 = ENID[3:0]:
Endpoint identifier.
Set by hardware when SDNAV = 1 in the same
way as V[3:0] bits in USBIVR register are set when
SDNAV = 0.
Bit 0 = Reserved. This bit is fixed by hardware at 0.
FRAME NUMBER REGISTER HIGH (FNRH)
R254 - Read-only
Register page: 15
Reset Value: 0000 0xxx (0xh)
Bit 7 = RXDP.
Set/cleared by hardware to indicate D+ upstream
port data line status.
Bit 6 = RXDM.
Set/cleared by hardware to indicate D- upstream
port data line status.
Bit 5 = LCK:
Locked.
Set by hardware when at least two consecutive
SOF packets have been received after the end of
a USB reset condition or after the end of a USB
resume sequence.
0: Frame timer not locked
1: Frame timer locked
Note: Once locked, the frame timer remains in this
state until a USB reset or USB suspend event oc-
curs.
Bits 4:3 = LSOF[1:0]:
Lost SOF.
Set by hardware when an ESOF interrupt is gener-
ated, counting the number of consecutive SOF
packets lost. On reception of a SOF packet, these
bits are cleared.
Bits 2:0 = FN[10:8]:
Frame Number bits 10:8.
These bits contain the most significant bits of the
Frame number received with the last received
SOF packet. These bits are updated when a SOF
interrupt is generated.
FRAME NUMBER REGISTER LOW (FNRL)
R255 - Read-only
Register page: 15
Reset Value: xxxx xxxx (xxh)
Bits 7:0 = FN[7:0]:
Frame Number bits 7:0.
Set by hardware, this register contains the least
significant bits of the 11-bit frame number con-
tained in the last received SOF packet. The 3 re-
maining most significant bits are stored in the
FNRH register. This register is updated when a
SOF interrupt is generated.
8.3.4.2 Device and Endpoint specific Registers
For each function a DADDR register is available to
store the device address and for each endpoint a
pair of EPnR registers is available to store end-
point specific information.
70
0
0
INTO
ENID3 ENID2 ENID1 ENID0
0
70
RXDP RXDM
LCK
LSOF1 LSOF0 FN10
FN9
FN8
70
FN7
FN6
FN5
FN4
FN3
FN2
FN1
FN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com