Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 142Page - STMicroelectronics ST92163 Datasheet HTML 143Page - STMicroelectronics ST92163 Datasheet HTML 144Page - STMicroelectronics ST92163 Datasheet HTML 145Page - STMicroelectronics ST92163 Datasheet HTML 146Page - STMicroelectronics ST92163 Datasheet HTML 147Page - STMicroelectronics ST92163 Datasheet HTML 148Page - STMicroelectronics ST92163 Datasheet HTML 149Page - STMicroelectronics ST92163 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 224 page
background image
146/224
ST92163 - USB PERIPHERAL (USB)
USB INTERFACE (Cont’d)
8.3.4.3 Miscellaneous Registers
These registers contain device configuration pa-
rameters or optional functions of USB interface.
DEVICE CONFIGURATION 1 (DEVCONF1)
R244 - Read/Write
Register page: 60
Reset value: 0000 1111 (0Fh)
This register contains device configuration data
that should be written by the software at the begin-
ning of the application program and should never
be changed during normal operations.
Bit 7:6 = Reserved. This bit is fixed by hardware at
0.
Bit 6 = Reserved. Must be kept at 0.
Bit 5 = USBOE_EN:
USBOE Signal Enable.
Set by software to enable the alternate output
function connected to the upstream output enable
signal.
1: USBOE signal output enabled
0: USBOE signal output disabled
Bit 4 = Reserved.
Bits 3:0 = Reserved. These bits are fixed by hard-
ware at 1.
DEVICE CONFIGURATION 2 (DEVCONF2)
R245 - Read/Write
Register page: 60
Reset value: 0000 0000 (00h)
This register contains device configuration data
that should be written by the software at the begin-
ning of the application program and should never
be changed during normal operations.
Bits 7:2 = Reserved. These bits must be always
written to 0.
Bit 1 = LVD_DISABLE:
Low Voltage Detector Dis-
able
Set by the software to disable the generation of
the device reset signal by the LVD.
1: LVD disabled
0: LVD enabled
If this bit is at 0, an internal reset can be issued
both by the external RESET pin and the LVD when
it detects a low supply voltage; if this bit is at 1 only
the external pad can start a device reset.
Note: this bit can be only set to 1 by software, writ-
ing 0 has no effect and the LVD can be re-enabled
only using a device reset.
70
0-
USBOE
_EN
LS_
DEVICE
111
1
70
000000
LVD_
DISAB LE
SOFP_
ENAB LE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com