Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 143Page - STMicroelectronics ST92163 Datasheet HTML 144Page - STMicroelectronics ST92163 Datasheet HTML 145Page - STMicroelectronics ST92163 Datasheet HTML 146Page - STMicroelectronics ST92163 Datasheet HTML 147Page - STMicroelectronics ST92163 Datasheet HTML 148Page - STMicroelectronics ST92163 Datasheet HTML 149Page - STMicroelectronics ST92163 Datasheet HTML 150Page - STMicroelectronics ST92163 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 224 page
background image
147/224
ST92163 - USB PERIPHERAL (USB)
USB INTERFACE (Cont’d)
Bit 0 = SOFP_ENABLE:
Start-Of-Frame Pulse
Enable.
Set by software to enable the use of the USBSOF
alternate output function.
1: USBSOF alternate function enabled
0: USBSOF output disabled
USBSOF outputs a 333.33 ns long pulse at each
frame start (actually 10 bits before the SOF packet
expected start). This pulse is not generated until
two SOF packets are received after any USB reset
or USB resume (frame timer locking) and they stop
as soon as the suspend condition is entered
(TIM_SUSP bit in USBCTLR register).
MIRROR REGISTER A (MIRRA)
R246 - Read/Write
Register page: 60
Reset value: xxxx xxxx (xxh)
Bit 7:0 = MIRA[7:0]
Mirror register A, bits 7-0.
This register acts as a bit mirroring location where
software can write a byte and read it back with the
LSB and MSB position swapped.
MIRROR REGISTER B (MIRRB)
R247 - Read/Write
Register page: 60
Reset value: xxxx xxxx (xxh)
Bit 7:0 = MIRB[7:0]
Mirror register B, bits 7-0.
This register acts as a bit mirroring location where
software can write a byte and read it back with the
LSB and MSB position swapped.
70
MIRA7 MIRA6 MIRA5 MIRA4 MIRA3 MIRA2 MIRA1 MIRA0
70
MIRB7 MIRB6 MIRB5 MIRB4 MIRB3 MIRB2 MIRB1 MIRB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com