Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 144Page - STMicroelectronics ST92163 Datasheet HTML 145Page - STMicroelectronics ST92163 Datasheet HTML 146Page - STMicroelectronics ST92163 Datasheet HTML 147Page - STMicroelectronics ST92163 Datasheet HTML 148Page - STMicroelectronics ST92163 Datasheet HTML 149Page - STMicroelectronics ST92163 Datasheet HTML 150Page - STMicroelectronics ST92163 Datasheet HTML 151Page - STMicroelectronics ST92163 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 224 page
background image
148/224
ST92163 - USB PERIPHERAL (USB)
USB INTERFACE (Cont’d)
8.3.5 Register pages summary
The registers are located in different register file
pages. To help finding the correct page for each
register, the following tables show the page map-
ping of all USB registers.
Table 29. USB Register Page Mapping
Table 30. USB Register page 15 Map and Reset Values
Address
Page 4
Page 5
Page 15
Page 60
240 (F0h)
EP0RA
EP8RA
DADDR0
241 (F1h)
EP0RB
EP8RB
DADDR1
242 (F2h)
EP1RA
EP9RA
DADDR2
243 (F3h)
EP1RB
EP9RB
DADDR3
244 (F4h)
EP2RA
EP10RA
DADDR4
DEVCONF1
245 (F5h)
EP2RB
EP10RB
DADDR5
DEVCONF2
246 (F6h)
EP3RA
EP11RA
DADDR6
MIRRA
247 (F7h)
EP3RB
EP11RB
DADDR7
MIRRB
248 (F8h)
EP4RA
EP12RA
USBIVR
249 (F9h)
EP4RB
EP12RB
USBISTR
250 (FAh)
EP5RA
EP13RA
USBIMR
251 (FBh)
EP5RB
EP13RB
USBIPR
252 (FCh)
EP6RA
EP14RA
USBCTLR
253 (FDh)
EP6RB
EP14RB
CTRINF
254 (FEh)
EP7RA
EP15RA
FNRH
255 (FFh)
EP7RB
EP15RB
FNRL
Reg.
No.
Register
Name
76
54
3
2
1
0
R240
-
R247
DADDRn
Reset Value
EF
0
ADD6
0
ADD5
0
ADD4
0
ADD3
0
ADD2
0
ADD1
0
ADD0
0
R248
USBIVR
Reset Value
A1
x
A0
x
CTRO
x
V3
x
V2
x
V1
x
V0
x
0
0
R249
USBISTR
Reset Value
0
0
DOVR
0
DOVR
0
ESUSP
0
SUSP
0
RESET
0
SOF
0
ESOF
0
R250
USBIMR
Reset Value
0
0
DOVRM
0
DOVRM
0
ESUSPM
0
SUSPM
0
RESETM
0
SOFM
0
ESOFM
0
R251
USBIPR
Reset Value
IEE
0
PIECE2
x
PIECE1
x
PIECE0
x
NIEE
0
PNIEN2
x
PNIEN1
x
PNIEN0
x
R252
USBCTLR
Reset Value
0
0
TIM_SUSP
0
0
0
SDNAV
1
RESUME
0
PDWN
1
LP_SUSP
0
FRES
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com