Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 145 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 141Page - STMicroelectronics ST92163 Datasheet HTML 142Page - STMicroelectronics ST92163 Datasheet HTML 143Page - STMicroelectronics ST92163 Datasheet HTML 144Page - STMicroelectronics ST92163 Datasheet HTML 145Page - STMicroelectronics ST92163 Datasheet HTML 146Page - STMicroelectronics ST92163 Datasheet HTML 147Page - STMicroelectronics ST92163 Datasheet HTML 148Page - STMicroelectronics ST92163 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 224 page
background image
145/224
ST92163 - USB PERIPHERAL (USB)
USB INTERFACE (Cont’d)
ENDPOINT n REGISTER B (EPnRB)
(RECEPTION)
R241-R255 (odd) - Read/Write
Register pages: 4 & 5
Reset value: 0000 0000 (00h)
These registers are used for controlling data re-
ception. They are also reset when a USB reset is
received from the USB bus or forced through bit
FRES in the USBCTLR register. Each endpoint
has its EPnRB register where n is the endpoint
identifier in the range 0 to 15.
Bit 7 = ST_OUT
Status out.
This bit is set by software to indicate that a status
out transaction is expected: in this case all OUT
transactions containing more than zero data bytes
are answered STALL instead of ACK. This bit may
be used to improve the robustness of the applica-
tion to protocol errors during control transfers and
its usage is intended on control endpoints only.
When ST_OUT is reset, OUT transactions can
have any number of bytes, as needed.
Bit 6 = DTOG_RX:
Data Toggle, for reception
transfers.
If the endpoint is non-isochronous, this bit contains
the expected value of the data toggle bit
(0=DATA0, 1=DATA1) for the next data packet to
be received. Hardware toggles this bit when the
ACK handshake is sent to the USB host, following
a data packet reception with a matching data PID
value. If the endpoint is defined as a control end-
point, hardware resets this bit on reception of a
SETUP PID addressed to this endpoint.
If the endpoint is isochronous, this bit is used to
support DMA buffer swapping since no data tog-
gling is used for this sort of endpoint and only
DATA0 packets are received. Hardware toggles
this bit just after the end of data packet reception,
since no handshake is used for isochronous trans-
fers.
Note: this bit can be also written by software to in-
itialize it (mandatory when the endpoint is not a
control endpoint) or to force a specific data toggle/
DMA buffer usage.
Bit 5:4 = STAT_RX [1:0]
Status bits, for reception
transfers.
These bits contain the information about the end-
point status, as listed below:
Table 28. Reception status encoding
These bits are written by software, but hardware
sets the STAT_RX bits to NAK when a correct
transfer has occurred (CTR=1) related to a OUT or
SETUP (control only) transaction addressed to
this endpoint, so software has time to interpret the
received data before acknowledging a new trans-
action.
If the endpoint is defined as isochronous, its status
can be only “VALID” or “DISABLED” so no hard-
ware change of the endpoint status will take place
after a successful transaction.
Bit 3:0 = EnA[3:0]
Endpoint n Address, bits 3-0.
Software must write in this field the 4-bit address
used to identify the transactions directed to this
endpoint. A value must be written before enabling
the corresponding endpoint.
70
ST_OU
T
DTOG_
RX
STA T_
RX1
STAT_
RX0
EnA3
EnA2
EnA1
EnA0
STAT_TX
[1:0]
Meaning
00
DISABLED: all reception requests ad-
dressed to this endpoint are ignored.
01
STALL: the endpoint is stalled and all re-
ception requests result in a STALL hand-
shake.
10
NAK: the endpoint is naked and all recep-
tion requests result in a NAK handshake.
11
VALID: this endpoint is enabled for recep-
tion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com