Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 139Page - STMicroelectronics ST92163 Datasheet HTML 140Page - STMicroelectronics ST92163 Datasheet HTML 141Page - STMicroelectronics ST92163 Datasheet HTML 142Page - STMicroelectronics ST92163 Datasheet HTML 143Page - STMicroelectronics ST92163 Datasheet HTML 144Page - STMicroelectronics ST92163 Datasheet HTML 145Page - STMicroelectronics ST92163 Datasheet HTML 146Page - STMicroelectronics ST92163 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 224 page
background image
143/224
ST92163 - USB PERIPHERAL (USB)
USB INTERFACE (Cont’d)
DEVICE n ADDRESS (DADDRn)
R240 to R247 - Read/Write
Register page: 15
Reset Value: 0000 0000 (00h)
Note: This register is also reset when a USB reset
is received from the USB bus or forced through bit
FRES in the USBCTLR register.
Bit 7 = EF:
Enable Function.
Set by software to enable the USB function whose
address is contained in the following ADD[6:0]
bits.
0: Function disabled
1: Function enabled
Bits 6:0 = ADD[6:0]:
Device Address.
Software must write into these bits the USB device
address assigned by the host PC during the enu-
meration.
ENDPOINT n REGISTER A (EPnRA)
(TRANSMISSION)
R240-R254 (even)
Read/Write
Register pages: 4 & 5
Reset value: 0000 0000 (00h)
These registers are used for controlling data trans-
mission. They are also reset when a USB reset is
received or forced through the FRES bit in the US-
BCTLR register.
Note: The CTR bits are not affected by a USB re-
set
Each endpoint has its EPnRA register where n is
the endpoint identifier in the range 0 to 15.
Bit 7 = CTR:
Correct Transfer.
Set by hardware when a transaction is successful-
ly completed on this endpoint; software can only
clear this bit.
0: No correct transfer occured
1: Correct transfer occured
Note: A transaction ended with a NAK or STALL
handshake does not set this bit, since no data is
actually transferred, as in the case of protocol er-
rors or data toggle mismatches. The CTR bit is
also used to perform flow control: while CTR=1, a
valid endpoint answers NAK to every transaction
addressed to it (except SETUP requests which are
simply ignored) until the application software ac-
knowledges the CTR event, resetting this bit. This
does not apply to isochronous endpoints where no
handshake phase is used.
Bit 6 = DTOG_TX:
Data Toggle, for transmission
transfers.
If the endpoint is non-isochronous, this bit contains
the
required
value
of
the data
toggle
bit
(0=DATA0, 1=DATA1) for the next data packet to
be transmitted. Hardware toggles this bit when the
ACK handshake is received from the USB host,
following a data packet transmission. If the end-
point is defined as a control one, hardware sets
this bit to 1 on reception of a SETUP PID ad-
dressed to this endpoint.
If the endpoint is isochronous, this bit is used to
support DMA buffer swapping since no data tog-
gling is used for this sort of endpoint and only
DATA0 packet are transmitted. Hardware toggles
this bit just after the end of data packet transmis-
sion, since no handshake is used for isochronous
transfers.
Note: this bit can be also written by software to in-
itialize it (mandatory when the endpoint is not a
control endpoint) or to force specific data toggle/
DMA buffer usage.
70
EF
ADD6
ADD5
ADD4
ADD3
ADD2
ADD1
ADD0
70
CTR
DTOG_
TX
STA T_
TX1
STAT_
TX0
PIDR1 PIDR0
CEP
ISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com