Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 201 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 201 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 197Page - STMicroelectronics ST92163 Datasheet HTML 198Page - STMicroelectronics ST92163 Datasheet HTML 199Page - STMicroelectronics ST92163 Datasheet HTML 200Page - STMicroelectronics ST92163 Datasheet HTML 201Page - STMicroelectronics ST92163 Datasheet HTML 202Page - STMicroelectronics ST92163 Datasheet HTML 203Page - STMicroelectronics ST92163 Datasheet HTML 204Page - STMicroelectronics ST92163 Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 224 page
background image
201/224
ST92163 - ELECTRICAL CHARACTERISTICS
9 ELECTRICAL CHARACTERISTICS
The ST92163 device contains circuitry to protect
the inputs against damage due to high static volt-
age or electric field. Nevertheless it is advised to
take normal precautions and to avoid applying to
this high impedance voltage circuit any voltage
higher than the maximum rated voltages. It is rec-
ommended for proper operation that VIN and VOUT
be constrained to the range:
VSS ≤ (VIN or VOUT) ≤ VDD
To enhance reliability of operation, it is recom-
mended to connect unused inputs to an appropri-
ate logic voltage level such as VSS or VDD.
All the voltages in the following table, are refer-
enced to VSS.
ABSOLUTE MAXIMUM RATINGS
Note: Stresses above those listed as “absolute maximum ratings“ may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability. All voltages are referenced to VSS
RECOMMENDED OPERATING CONDITIONS
(Normal Voltage Mode, all devices)
Note 1. 1MHz when A/D is used
RECOMMENDED OPERATING CONDITIONS
(Low Voltage Modes, devices with suffix L or V))
Note 1. 1MHz when A/D is used
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
– 0.3 to +7.0
V
VI
Input Voltage
– 0.3 to VDD +0.3
V
VAI
Analog Input Voltage (A/D Converter)
VSS - 0.3 to VDD +0.3
AVSS - 0.3 to AVDD +0.3
V
VO
Output Voltage
– 0.3 to VDD +0.3
V
TSTG
Storage Temperature
– 55 to + 150
°C
IINJ
Pin Injection Current Digital and Analog Input
-5 to +5
mA
Maximum Accumulated Pin injection Current in the device
-50 to +50
mA
AVDD
A/D Converter Analog Reference
VDD -0.3 to VDD +0.3
V
AVSS
A/D Converter VSS
VSS -0.3 to VSS +0.3
V
Symbol
Parameter
Value
Unit
Min.
Max.
TA
Operating Temperature
0
70
°C
VDD
Operating Supply Voltage
4.0
5.5
V
fINTCLK
Internal Clock Frequency @ 4.0V - 5.5V
0 (1)
24
MHz
Symbol
Parameter
Value
Unit
Min.
Max.
TA
Operating Temperature
0
70
°C
VDD
Operating Supply Voltage
3.0
4.0
V
fINTCLK
Internal Clock Frequency @ 3.0V - 4.0V
8-MHz Low Voltage devices
(devices with suffix L)
0(1)
8
MHz
16-MHz Low Voltage devices
(devices with suffix V)
0(1)
16
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com