Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 203 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 203 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 199Page - STMicroelectronics ST92163 Datasheet HTML 200Page - STMicroelectronics ST92163 Datasheet HTML 201Page - STMicroelectronics ST92163 Datasheet HTML 202Page - STMicroelectronics ST92163 Datasheet HTML 203Page - STMicroelectronics ST92163 Datasheet HTML 204Page - STMicroelectronics ST92163 Datasheet HTML 205Page - STMicroelectronics ST92163 Datasheet HTML 206Page - STMicroelectronics ST92163 Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 224 page
background image
203/224
ST92163 - ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS
(VDD = 4.0 - 5.5V, TA =0°C+ 70°C, unless otherwise specified)
(VDD = 3.0 - 3.3 V, TA =0°C+ 70°C)
Note: All I/O Ports are configured in bidirectional weak pull-up mode with no DC load, external clock pin (OSCIN) is driven by square wave
external clock
(1) Preliminary value
(2) External pull-up (1.5 Kohms connected to USBV
CC); Operating conditions: VDD = 4.0 - 5.25V ; TA =25°C
AC TEST CONDITIONS
Symbol
Parameter
VDD MAX
Unit
IDD
Run Mode Current @ 24 MHz
85 (1)
mA
IWFI
WFI Mode @ 24 MHz
20 (1)
mA
IHALT
HALT Mode Current
100
µA
ISUSP
USB Suspend mode current (2)
450
µA
Symbol
Parameter
VDD
Unit
TYP
MAX
IDD
Run Mode Current
1.2
1.4
mA/MHz
IWFI
WFI Mode
0.3
0.4
mA/MHz
IHALT
HALT Mode Current
100
µA
TTL INPUT
FORCI NG CONDITI ON
CMOS INPUT
FORCI NG CONDITI ON
PUSH-PULL OUTPUT
TEST CONDITION
WEAK PULL-UP OUTPUT
TES T CONDIT ION
SOURCE CURRENT = -0.8mA
1
SINK CURRENT = -1.6mA
0
1
SOURCE CURRENT = 0
SINK CURRENT = 1.6mA
2.4V
0.45V
0.8VDD
0.2VDD
3.0V
0.8V
3.0V
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com