Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92163 Datasheet(PDF) 204 Page - STMicroelectronics

Part # ST92163
Description  8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92163 Datasheet(HTML) 204 Page - STMicroelectronics

Back Button ST92163 Datasheet HTML 200Page - STMicroelectronics ST92163 Datasheet HTML 201Page - STMicroelectronics ST92163 Datasheet HTML 202Page - STMicroelectronics ST92163 Datasheet HTML 203Page - STMicroelectronics ST92163 Datasheet HTML 204Page - STMicroelectronics ST92163 Datasheet HTML 205Page - STMicroelectronics ST92163 Datasheet HTML 206Page - STMicroelectronics ST92163 Datasheet HTML 207Page - STMicroelectronics ST92163 Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 224 page
background image
204/224
ST92163 - ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (Cont’d)
*Not available on devices with suffix L, V or E
**Guaranteed by design
N/A = not applicable
Low Voltage Detector Reset Electrical Specifications*
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VLVDUP
LV Reset Trigger
VDD rising edge
INTCLK = 16MHz
3.5
3.7
3.9
V
VLVDDOWN
LV Reset Trigger
VDD Falling edge
3.3
3.5
3.7
V
VLVDHyst
Hysteresis **
150
200
250
mV
I
2C Interface Electrical specifications
Parameter
Symbol
Standard mode I2C
Fast mode I2C
Unit
Min
Max
Min
Max
Low level input voltage:
fixed input levels
VDD-related input levels
VIL
-0.5
-0.5
1.5
0.3 VDD
-0.5
-0.5
1.5
0.3 VDD
V
High level input voltage:
VDD-related input levels
0.7 VDD
VDD+0.5
0.7 VDD
VDD+0.5
V
Hysteresis of Schmitt trigger inputs
fixed input levels
VDD-related input levels
VHYS
N/A
N/A
N/A
N/A
0.2
0.05 VDD
V
Pulse width of spikes which must be sup-
pressed by the input filter
TSP
N/A
N/A
0 ns
50 ns
ns
Low level output voltage (open drain and open
collector)
at 3 mA sink current
at 6 mA sink current
VOL1
VOL2
0
N/A
0.4
N/A
0
0
0.4
0.6
V
Output fall time from VIH min to VIL max with a
bus capacitance from 10 pF to 400 pF
with up to 3 mA sink current at VOL1
with up to 6 mA sink current at VOL2
TOF
N/A
250
N/A
20+0.1Cb
20+0.1Cb
250
250
ns
Input current each I/O pin with an input voltage
between 0.4V and 0.9 VDD max
I
- 10
10
-10
10
µA
Capacitance for each I/O pin
C
10
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com