Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F827 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 56F827
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F827 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 56F827 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
General Characteristics
56F827 Technical Data, Rev. 12
Freescale Semiconductor
21
Table 3-1 Absolute Maximum Ratings
Characteristic
Symbol
Min
Max
Unit
Supply voltage, core
VDD1
1. VDD must not exceed VDDIO
VSS - 0.3
VSS + 3.0
V
Supply voltage, IO
Supply voltage, Analog
Supply voltage, ADC
VDDIO2
VDDA2
VDDA_ADC
2. VDDIO and VDDA must not differ by more that 0.5V
VSSIO - 0.3
VSSA - 0.3
VSSA_ADC-0.3
VSSIO + 4.0
VSSA + 4.0
VSSA_ADC+0.3
V
Digital input voltages
Analog input voltages (XTAL, EXTAL)
Analog input voltages (ANA0-7, VREF)
VIN
VINA
VIN_ADC
VSSIO - 0.3
VSSA - 0.3
VSSA_ADC-0.3
VSSIO + 5.5
VDDA + 0.3
VSSA_ADC+0.3
V
Voltage difference VDD to VDD_IO, VDDA
ΔVDD
- 0.3
0.3
V
Voltage difference VSS to VSS _IO, VSSA
ΔVSS
- 0.3
0.3
V
Current drain per pin excluding VDD, VSS, VDDA,
VSSA,VDDIO, VSSIO
I—
10
mA
Junction temperature
TJ
—
150
°C
Storage temperature range
TSTG
-55
150
°C
Table 3-2 Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Supply voltage, core
VDD
2.5
2.5
2.75
V
Supply Voltage, IO and analog
VDDIO,VDDA
3.0
3.3
3.6
V
Voltage difference VDD to VDD_IO, VDDA
ΔVDD
-0.1
-
0.1
V
Voltage difference VSS to VSS _IO, VSSA
ΔVSS
-0.1
-
0.1
V
ADC reference voltage, positive
VREFHI
2.7
—
VDD_ADC
V
ADC reference voltage, negative
VREFLO
VSSA
—VREFHI
V
Ambient operating temperature
TA
–40
—
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com