Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F827 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 56F827
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F827 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  56F827 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
56F827 Technical Data, Rev. 12
Freescale Semiconductor
3
56F827 Block Diagram
JTAG/
OnCE
Port
Program Controller
and Hardware
Looping Unit
Data ALU
16 x 16 + 36
→ 36-Bit MAC
Three 16-bit Input Registers
Two 36-bit Accumulators
Address
Generation
Unit
Bit
Manipulation
Unit
16-Bit
56800
Core
PAB
PDB
XDB2
CGDB
XAB1
XAB2
INTERRUPT
CONTROLS
IPBB
CONTROLS
IPBus Bridge
(IPBB)
MODULE
CONTROLS
ADDRESS
BUS [8:0]
DATA
BUS [15:0]
COP
RESET
Application-
Specific
Memory &
Peripherals
Interrupt
Controller
COP/
Watchdog
Quad Timer A/
or GPIO
VSS VDDA VSSA
6
4
External
Bus
Interface
Unit
RESET
IRQA
IRQB
EXTBOOT
VDDIO VSSIO
5
5
TOD
Timer
DEBUG
22
VDD
3
ADC
Program and Boot
Memory
64512 x 16 Flash
1024 x 16 SRAM
Data Memory
4096 x 16 Flash
4096 x 16 SRAM
SCI 2 or
GPIO
SSI 0 or
GPI0
SCI 0 &1 or
SPI 0
SPI 1 or
GPIO
Programmable
Chip Select
Dedicated
GPIO
Analog Reg
Low Voltage Supervisor
16
16
External
Address Bus
Switch
External
Data Bus
Switch
Bus
Control
PLL
Clock
Gen
inputs
10
3
VREFLO
VREFHI
4
VPP
2
6
4
4
6
16
CLKO
EXTAL
XTAL
16
16
A[00:15]
or
GPIOA16[00:16]
D[00:15]
or
GPIOG16[00:16]
PS or PCS[0]
DS or PCS[1]
WR
RD
VREFP, VREFMID,
VREFIN
PCS [2:7}
56F827 General Description
•
Up to 40 MIPS at 80MHz core frequency
•
DSP and MCU functionality in a unified,
C-efficient architecture
•
Hardware DO and REP loops
•
64K
× 16-bit words (128KB) Program Flash
•1K
× 16-bit words (2KB) Program RAM
•4K
× 16-bit words (8KB) Data Flash
•4K
× 16-bit words (8KB) Data RAM
•Up to 64K
× 16-bit words (128KB) external memory
expansion each for Program and Data memory
•
JTAG/OnCE™ for debugging
•
General Purpose Quad Timer
•
MCU-friendly instruction set supports both DSP and
controller functions: MAC, bit manipulation unit, 14
addressing modes
•
8-channel Programmable Chip Select
•
10-channel, 12-bit ADC
•
Synchronous Serial Interface (SSI)
•
Serial Port Interface (SPI)
•
Serial Communications Interface (SCI)
•
Time-of-Day (TOD) Timer
•
128-pin LQFP Package
•
16-dedicated and 48 shared GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com