Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F827 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 56F827
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F827 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 56F827 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Serial Peripheral Interface (SPI) Timing
56F827 Technical Data, Rev. 12
Freescale Semiconductor
39
3.9 Serial Peripheral Interface (SPI) Timing
1. Parameters listed are guaranteed by design.
Table 3-12 SPI Timing1
Operating Conditions: VSSIO=VSS = VSSA = 0V, VDDA =VDDIO=3.0–3.6V, VDD = 2.25–2.75V, TA = –40° to +85°C, CL ≤ 50pF, fop = 80MHz
Characteristic
Symbol
Min
Max
Unit
See Figure
Cycle time
Master
Slave
tC
50
25
—
—
ns
ns
Figures
3-20, 3-21,
3-22, 3-23
Enable lead time
Master
Slave
tELD
—
25
—
—
ns
ns
Figure 3-23
Enable lag time
Master
Slave
tELG
—
100
—
—
ns
ns
Figure 3-23
Clock (SCLK) high time
Master
Slave
tCH
24
12
—
—
ns
ns
Figures
3-20, 3-21,
3-22, 3-23
Clock (SCLK) low time
Master
Slave
tCL
24.1
12
—
—
ns
ns
Figures
3-20, 3-21,
3-22, 3-23
Data set-up time required for inputs
Master
Slave
tDS
20
0
—
—
ns
ns
Figures
3-20, 3-21,
3-22, 3-23
Data hold time required for inputs
Master
Slave
tDH
0
2
—
—
ns
ns
Figures
3-20, 3-21,
3-22, 3-23
Access time (time to data active from high-impedance state)
Slave
tA
4.8
15
ns
Figure 3-23
Disable time (hold time to high-impedance state)
Slave
tD
3.7
15.2
ns
Figure 3-23
Data Valid for outputs
Master
Slave (after enable edge)
tDV
—
—
4.5
20.4
ns
ns
Figures
3-20, 3-21,
3-22, 3-23
Data invalid
Master
Slave
tDI
0
0
—
—
ns
ns
Figures
3-20, 3-21,
3-22, 3-23
Rise time
Master
Slave
tR
—
—
11.5
10.0
ns
ns
Figures
3-20, 3-21,
3-22, 3-23
Fall time
Master
Slave
tF
—
—
9.7
9.0
ns
ns
Figures
3-20, 3-21,
3-22, 3-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com