Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F827 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 56F827
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F827 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 56F827 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
Signals and Package Information
56F827 Technical Data, Rev. 12
Freescale Semiconductor
19
IRQB
49
Input
(Schmitt)
External Interrupt Request B—The IRQB input is an external interrupt
request that indicates that an external device is requesting service. It can be
programmed to be level-sensitive or negative-edge-triggered. If level-sensitive
triggering is selected, an external pull-up resistor is required for wired-OR
operation.
RESET
42
Input
(Schmitt)
Reset—This input is a direct hardware reset on the processor. When RESET
is asserted low, the device is initialized and placed in the Reset state. A
Schmitt trigger input is used for noise immunity. When the RESET pin is
deasserted, the initial chip operating mode is latched from the external boot
pin. The internal reset signal will be deasserted synchronous with the internal
clocks, after a fixed number of internal clocks.
To ensure complete hardware reset, RESET and TRST should be asserted
together. The only exception occurs in a debugging environment when a
hardware device reset is required and it is necessary not to reset the
OnCE/JTAG module. In this case, assert RESET, but do not assert TRST.
EXTBOOT
39
Input
(Schmitt)
External Boot—This input is tied to VDD to force device to boot from off-chip
memory. Otherwise, it is tied to VSS.
Table 2-2 56F827 Signal and Package Information for the 128 Pin LQFP (Continued)
Signal Name
Pin No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com