Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F827 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # 56F827
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F827 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button 56F827 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 52Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 53Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 54Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 55Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 56Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
Package and Pin-Out Information 56F827
56F827 Technical Data, Rev. 12
Freescale Semiconductor
53
28
A7
60
XTAL
92
GPIOD6
124
GPIOB0
29
VDDIO
61
VSSA
93
GPIOD5
125
D0
30
VSSIO
62
VDDA
94
GPIOD4
126
D1
31
A8
63
VSSA_ADC
95
GPIOD3
127
D2
32
A9
64
VREFLO
96
GPIOD2
128
D3
Table 4-1 56F827 Pin Identification by Pin Number (Continued)
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name
Pin No.
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com