Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F827 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 56F827
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F827 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 56F827 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
56F827 Technical Data, Rev. 12
16
Freescale Semiconductor
STD
(GPIOC3)
52
Output
Input/Output
SSI Transmit Data (STD)—This output pin transmits serial data from the SSI
Transmitter Shift Register.
Port C GPIO—This is a General Purpose I/O (GPIO) pin with the capability of
being individually programmed as input or output.
After reset, the default state is GPIO input.
STFS
(GPIOC4)
51
Input
Input/Output
SSI Serial Transmit Frame Sync (STFS)—This bidirectional pin is used by
the Transmit section of the SSI as frame sync I/O or flag I/O. The STFS can be
used by both the transmitter and receiver in synchronous mode. It is used to
synchronize data transfer and can be an input or output pin.
Port C GPIO—This is a General Purpose I/O (GPIO) pin with the capability of
being individually programmed as input or output.
After reset, the default state is GPIO input.
STCK
(GPIOC5)
50
Input/ Output
Input/Output
SSI Serial Transmit Clock (STCK)—This bidirectional pin provides the serial
bit rate clock for the transmit section of the SSI. The clock signal can be
continuous or gated. It can be used by both the transmitter and receiver in
synchronous mode.
Port C GPIO—This is a General Purpose I/O (GPIO) pin with the capability of
being individually programmed as input or output.
After reset, the default state is GPIO input.
SCLK
(GPIOF4)
102
Input/Output
Input/Output
SPI Serial Clock—In master mode, this pin serves as an output, clocking
slaved listeners. In slave mode, this pin serves as the data clock input.
Port F GPIO—This General Purpose I/O (GPIO) pin can be individually
programmed as input or output.
After reset, the default state is SCLK.
MOSI
(GPIOF5)
101
Input/Output
Input/Output
SPI Master Out/Slave In (MOSI)—This serial data pin is an output from a
master device and an input to a slave device. The master device places data
on the MOSI line a half-cycle before the clock edge that the slave device uses
to latch the data.
Port F GPIO—This General Purpose I/O (GPIO) pin can be individually
programmed as input or output.
MISO
(GPIOF6)
100
Input/Output
Input/Output
SPI Master In/Slave Out (MISO)—This serial data pin is an input to a master
device and an output from a slave device. The MISO line of a slave device is
placed in the high-impedance state if the slave device is not selected.
Port F GPIO—This General Purpose I/O (GPIO) pin can be individually
programmed as input or output.
After reset, the default state is MISO.
Table 2-2 56F827 Signal and Package Information for the 128 Pin LQFP (Continued)
Signal Name
Pin No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com