Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F827 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 56F827
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F827 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 56F827 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
Signals and Package Information
56F827 Technical Data, Rev. 12
Freescale Semiconductor
15
GPIOB0
124
Input/Output
Port B GPIO—These eight dedicated General Purpose I/O (GPIO) pins can
be individually programmed as input or output pins.
After reset, the default state is GPIO input.
GPIOB1
123
GPIOB2
122
GPIOB3
121
GPIOB4
120
GPIOB5
119
GPIOB6
118
GPIOB7
117
GPIOD0
98
Input/ Output
Port D GPIO—These eight dedicated GPIO pins can be individually
programmed as an input or output pins.
After reset, the default state is GPIO input.
GPIOD1
97
GPIOD2
96
GPIOD3
95
GPIOD4
94
GPIOD5
93
GPIOD6
92
GPIOD7
91
SRD
(GPIOC0)
55
Input/Output
Input/Output
SSI Receive Data (SRD)—This input pin receives serial data and transfers the
data to the SSI Receive Shift Receiver.
Port C GPIO—This is a General Purpose I/O (GPIO) pin with the capability of
being individually programmed as input or output.
After reset, the default state is GPIO input.
SRFS
(GPIOC1)
54
Input/Output
Input/Output
SSI Serial Receive Frame Sync (SRFS)—This bidirectional pin is used by the
receive section of the SSI as frame sync I/O or flag I/O. The STFS can be
used only by the receiver. It is used to synchronize data transfer and can be an
input or an output.
Port C GPIO—This is a General Purpose I/O (GPIO) pin with the capability of
being individually programmed as input or output.
After reset, the default state is GPIO input.
SRCK
(GPIOC2)
53
Input/Output
Input/Output
SSI Serial Receive Clock (SRCK)—This bidirectional pin provides the serial
bit rate clock for the Receive section of the SSI. The clock signal can be
continuous or gated and can be used by both the transmitter and receiver in
synchronous mode.
Port C GPIO—This is a General Purpose I/O (GPIO) pin with the capability of
being individually programmed as input or output.
After reset, the default state is GPIO input.
Table 2-2 56F827 Signal and Package Information for the 128 Pin LQFP (Continued)
Signal Name
Pin No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com