Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F827 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 56F827
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F827 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 56F827 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 43Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Synchronous Serial Interface (SSI) Timing
56F827 Technical Data, Rev. 12
Freescale Semiconductor
45
Figure 3-25 Master Mode Timing Diagram
Table 3-15 SSI Slave Mode1 Switching Characteristics
Operating Conditions: VSSIO=VSS = VSSA = 0V, VDDA =VDDIO=3.0–3.6V, VDD = 2.25–2.75V, TA = –40° to +85°C, CL ≤ 50pF, fop = 80MHz
Parameter
Symbol
Min
Typ
Max
Units
STCK frequency
fs
——
102
MHz
STCK period3
tSCKW
100
——
ns
STCK high time
tSCKH
504
——
ns
STCK low time
tSCKL
504
——
ns
Output clock rise/fall time
——
4
—
ns
tTHM
tTSM
tHM
tSM
tRFSWLM
tRFSWHM
tRFBLM
tRFSBHM
tTXHIM
tTXNVM
tTXVM
tTXEM
tTFSWLM
tTFSWHM
tTFSBLM
tTFSBHM
tSCKL
tSCKW
tSCKH
First Bit
Last Bit
STCK output
STFS (bl) output
STFS (wl) output
STXD
SRCK output
SRFS (bl) output
SRFS (wl) output
SRXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com