Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4939-2YCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4939-2YCPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-2YCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4939-2YCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Ultralow Distortion
Differential ADC Driver
ADA4939-1/ADA4939-2
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Extremely low harmonic distortion
−102 dBc HD2 @ 10 MHz
−83 dBc HD2 @ 70 MHz
−77 dBc HD2 @ 100 MHz
−101 dBc HD3 @ 10 MHz
−97 dBc HD3 @ 70 MHz
−91 dBc HD3 @ 100 MHz
Low input voltage noise: 2.3 nV/√Hz
High speed
−3 dB bandwidth of 1.4 GHz, G = 2
Slew rate: 6800 V/μs, 25% to 75%
Fast overdrive recovery of <1 ns
±0.5 mV typical offset voltage
Externally adjustable gain
Stable for differential gains ≥2
Differential-to-differential or single-ended-to-differential
operation
Adjustable output common-mode voltage
Single-supply operation: 3.3 V to 5 V
APPLICATIONS
ADC drivers
Single-ended-to-differential converters
IF and baseband gain blocks
Differential buffers
Line drivers
GENERAL DESCRIPTION
The ADA4939 is a low noise, ultralow distortion, high speed
differential amplifier. It is an ideal choice for driving high
performance ADCs with resolutions up to 16 bits from dc to
100 MHz. The output common-mode voltage is user adjustable
by means of an internal common-mode feedback loop, allowing
the ADA4939 output to match the input of the ADC. The internal
feedback loop also provides exceptional output balance as well as
suppression of even-order harmonic distortion products.
With the ADA4939, differential gain configurations are easily
realized with a simple external feedback network of four resistors
that determine the closed-loop gain of the amplifier.
The ADA4939 is fabricated using Analog Devices, Inc., proprietary
silicon-germanium (SiGe), complementary bipolar process,
enabling it to achieve very low levels of distortion with an input
voltage noise of only 2.3 nV/√Hz. The low dc offset and excellent
dynamic performance of the ADA4939 make it well suited for a
wide variety of data acquisition and signal processing applications.
FUNCTIONAL BLOCK DIAGRAMS
1
–FB
2
+IN
3
–IN
4
+FB
11 –OUT
12 PD
10 +OUT
9VOCM
ADA4939-1
Figure 1. ADA4939-1
ADA4939-2
1
–IN1
2
+FB1
3
+VS1
4
+VS1
5
–FB2
6
+IN2
15 –VS2
16 –VS2
17 VOCM1
18 +OUT1
14 PD2
13 –OUT2
Figure 2. ADA4939-2
–60
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
1
10
100
FREQUENCY (MHz)
HD2
HD3
VOUT, dm = 2V p-p
Figure 3. Harmonic Distortion vs. Frequency
The ADA4939 is available in a Pb-free, 3 mm × 3 mm 16-lead
LFCSP (ADA4939-1, single) or a Pb-free, 4 mm × 4 mm 24-lead
LFCSP (ADA4939-2, dual). The pinout has been optimized to
facilitate PCB layout and minimize distortion. The ADA4939-1
and the ADA4939-2 are specified to operate over the −40°C to
+105°C temperature range; both operate on supplies between
3.3 V and 5 V.


Similar Part No. - ADA4939-2YCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4939-2YCPZ-R7 AD-ADA4939-2YCPZ-R7 Datasheet
590Kb / 24P
Ultralow Distortion, Differential ADC Driver
Rev. A
ADA4939-2YCPZ-R7 AD-ADA4939-2YCPZ-R7 Datasheet
590Kb / 24P
Ultralow Distortion, Differential ADC Driver
Rev. A
More results

Similar Description - ADA4939-2YCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4937-1 AD-ADA4937-1_07 Datasheet
627Kb / 28P
Ultralow Distortion, Differential ADC Driver
5/07-Revision 0
ADA4927-1 AD-ADA4927-1 Datasheet
834Kb / 24P
Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
Ultralow Distortion Differential ADC Driver
Rev. D
ADA4938-1 AD-ADA4938-1_15 Datasheet
573Kb / 28P
Ultralow Distortion Differential ADC Driver
REV. A
ADA4938-2 AD-ADA4938-2_15 Datasheet
573Kb / 28P
Ultralow Distortion Differential ADC Driver
REV. A
ADA4927-1 AD-ADA4927-1_16 Datasheet
736Kb / 25P
Ultralow Distortion Current Feedback Differential ADC Driver
REV. B
ADA4937-1 AD-ADA4937-1_16 Datasheet
591Kb / 28P
Ultralow Distortion Differential ADC Driver
Rev. F
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
Ultralow Distortion Differential ADC Driver
Rev. B
ADA4939-1 AD-ADA4939-1_16 Datasheet
590Kb / 24P
Ultralow Distortion, Differential ADC Driver
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com