Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4939-2YCPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4939-2YCPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-2YCPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4939-2YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADA4939-1/ADA4939-2
Rev. 0 | Page 11 of 24
–60
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
1
10
100
FREQUENCY (MHz)
HD2, VS (SPLIT SUPPLY) = ±2.5V
HD3, VS (SPLIT SUPPLY) = ±2.5V
HD2, VS (SPLIT SUPPLY) = ±1.65V
HD3, VS (SPLIT SUPPLY) = ±1.65V
VOUT, dm = 2V p-p
Figure 19. Harmonic Distortion vs. Frequency at Various Supplies
–40
–120
–110
–100
–90
–80
–70
–60
–50
1.0
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
VOCM (V)
HD2, f = 10MHz
HD3, f = 10MHz
HD2, f = 70MHz
HD3, f = 70MHz
VOUT, dm = 2V p-p
Figure 20. Harmonic Distortion vs. VOCM at Various Frequencies
–40
–130
–120
–110
–100
–90
–80
–70
–60
–50
1.21.41.61.82
VOCM (V)
.0
HD2, f = 10MHz
HD3, f = 10MHz
HD2, f = 70MHz
HD3, f = 70MHz
VOUT, dm = 2V p-p
Figure 21. Harmonic Distortion vs. VOCM at Various Frequencies
–40
–130
–120
–110
–100
–90
–80
–70
–60
–50
07
6
5
4
3
2
1
VOUT, dm (V p-p)
HD2, VS = 5.0
HD3, VS = 5.0
HD2, VS = 3.3
HD3, VS = 3.3
Figure 22. Harmonic Distortion vs. VOUT, dm and Supply Voltage, f = 10 MHz
10
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
69.5
70.5
70.4
70.3
70.2
70.1
70.0
69.9
69.8
69.7
69.6
FREQUENCY (MHz)
VOUT, dm = 2V p-p
VS = ±2.5V
Figure 23. 70 MHz Intermodulation Distortion
–30
–35
–40
–45
–50
–55
–60
–65
–70
110
100
FREQUENCY (MHz)
1k
RL, dm = 200Ω
Figure 24. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com