Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4939-2YCPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4939-2YCPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-2YCPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4939-2YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADA4939-1/ADA4939-2
Rev. 0 | Page 13 of 24
–60
–105
–100
–95
–90
–85
–80
–75
–70
–65
1
10
100
FREQUENCY (MHz)
VOUT, dm = 2V p-p
VS = ±2.5V
RL = 1kΩ
RL = 200Ω
Figure 31. Spurious-Free Dynamic Range vs. Frequency at Various Loads
0.12
0.10
0.08
0.06
0.04
0.02
0
–0.02
010
9
8
7
6
5
4
3
2
1
TIME (ns)
Figure 32. Small Signal Pulse Response
2.60
2.40
2.45
2.50
2.55
020
18
16
14
12
10
8
6
4
2
TIME (ns)
Figure 33. VOCM Small Signal Pulse Response
–40
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
11
100
10
FREQUENCY (MHz)
k
RL, dm = 200Ω
INPUT AMP 1 TO OUTPUT AMP 2
INPUT AMP 2 TO OUTPUT AMP 1
Figure 34. Crosstalk vs. Frequency for ADA4939-2
4
–4
–3
–2
–1
0
1
2
3
010
9
8
7
6
5
4
3
2
1
TIME (ns)
Figure 35. Large Signal Pulse Response
4.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
020
18
16
14
12
10
8
6
4
2
TIME (ns)
Figure 36. VOCM Large Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com