Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4939-2YCPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4939-2YCPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-2YCPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4939-2YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADA4939-1/ADA4939-2
Rev. 0 | Page 14 of 24
3.5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
1000
900
800
700
600
500
400
300
200
100
TIME (ns)
VOUT, dm
RL, dm = 200Ω
PD
1k
1
10
100
10
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
Figure 37. PD Response Time
Figure 38. Voltage Noise Spectral Density, RTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com