Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4939-2YCPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4939-2YCPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-2YCPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4939-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADA4939-1/ADA4939-2
Rev. 0 | Page 17 of 24
THEORY OF OPERATION
The ADA4939 differs from conventional op amps in that it has
two outputs whose voltages move in opposite directions and an
additional input, VOCM. Like an op amp, it relies on high open-
loop gain and negative feedback to force these outputs to the
desired voltages. The ADA4939 behaves much like a standard
voltage feedback op amp and facilitates single-ended-to-differential
conversions, common-mode level shifting, and amplifications of
differential signals. Like an op amp, the ADA4939 has high input
impedance and low output impedance. Because it uses voltage
feedback, the ADA4939 manifests a nominally constant gain-
bandwidth product.
Two feedback loops are employed to control the differential and
common-mode output voltages. The differential feedback, set
with external resistors, controls only the differential output voltage.
The common-mode feedback controls only the common-mode
output voltage. This architecture makes it easy to set the output
common-mode level to any arbitrary value within the specified
limits. The output common-mode voltage is forced, by the internal
common-mode feedback loop, to be equal to the voltage applied
to the VOCM input.
The internal common-mode feedback loop produces outputs
that are highly balanced over a wide frequency range without
requiring tightly matched external components. This results in
differential outputs that are very close to the ideal of being
identical in amplitude and are exactly 180° apart in phase.
ANALYZING AN APPLICATION CIRCUIT
The ADA4939 uses high open-loop gain and negative feedback
to force its differential and common-mode output voltages in
such a way as to minimize the differential and common-mode
error voltages. The differential error voltage is defined as the
voltage between the differential inputs labeled +IN and −IN
(see Figure 42). For most purposes, this voltage can be assumed
to be zero. Similarly, the difference between the actual output
common-mode voltage and the voltage applied to VOCM can also
be assumed to be zero. Starting from these two assumptions,
any application circuit can be analyzed.
SETTING THE CLOSED-LOOP GAIN
The differential-mode gain of the circuit in Figure 42 can be
determined by
G
F
dm
IN
dm
OUT
R
R
V
V
=
,
,
This presumes that the input resistors (RG) and feedback resistors
(RF) on each side are equal.
STABLE FOR GAINS ≥2
The ADA4939 frequency response exhibits excessive peaking
for differential gains <2; therefore, the part should be operated
with differential gains ≥2.
ESTIMATING THE OUTPUT NOISE VOLTAGE
The differential output noise of the ADA4939 can be estimated
using the noise model in Figure 43. The input-referred noise
voltage density, vnIN, is modeled as a differential input, and the
noise currents, inIN− and inIN+, appear between each input and
ground. The output voltage due to vnIN is obtained by multiplying
vnIN by the noise gain, GN (defined in the GN equation that
follows). The noise currents are uncorrelated with the same
mean-square value, and each produces an output voltage that is
equal to the noise current multiplied by the associated feedback
resistance. The noise voltage density at the VOCM pin is vnCM.
When the feedback networks have the same feedback factor, as
in most cases, the output noise due to vnCM is common-mode.
Each of the four resistors contributes (4kTRxx)1/2. The noise
from the feedback resistors appears directly at the output, and
the noise from the gain resistors appears at the output multiplied
by RF/RG. Table 11 summarizes the input noise sources, the
multiplication factors, and the output-referred noise density terms.
ADA4939
+
RF2
VnOD
VnCM
VOCM
VnIN
RF1
RG2
RG1
VnRF1
VnRF2
VnRG1
VnRG2
inIN+
inIN–
Figure 43. Noise Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com