Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4939-2YCPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4939-2YCPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-2YCPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4939-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADA4939-1/ADA4939-2
Rev. 0 | Page 21 of 24
INPUT COMMON-MODE VOLTAGE RANGE
The ADA4939 input common-mode range is centered between the
two supply rails, in contrast to other ADC drivers with level-shifted
input ranges, such as the ADA4937. The centered input common-
mode range is best suited to ac-coupled, differential-to-differential
and dual supply applications.
For 5 V single-supply operation, the input common-mode
range at the summing nodes of the amplifier is specified as
1.1 V to 3.9 V and is specified as 0.9 V to 2.4 V with a 3.3 V
supply. To avoid nonlinearities, the voltage swing at the +IN
and −IN terminals must be confined to these ranges.
INPUT AND OUTPUT CAPACITIVE AC COUPLING
Input ac coupling capacitors can be inserted between the source
and RG. This ac coupling blocks the flow of the dc common-
mode feedback current and causes the ADA4939 dc input
common-mode voltage to equal the dc output common-mode
voltage. These ac coupling capacitors must be placed in both
loops to keep the feedback factors matched.
Output ac coupling capacitors can be placed in series between
each output and its respective load. See Figure 54 for an
example that uses input and output capacitive ac coupling.
MINIMUM RG VALUE OF 50 Ω
Due to the wide bandwidth of the ADA4939, the value of RG must
be greater than or equal to 50 Ω to provide sufficient damping in
the amplifier front end. In the terminated case, RG includes the
Thevenin resistance of the source and load terminations.
SETTING THE OUTPUT COMMON-MODE VOLTAGE
The VOCM pin of the ADA4939 is internally biased with a voltage
divider comprising two 20 kΩ resistors at a voltage approximately
equal to the midsupply point, [(+VS) + (−VS)]/2. Because of this
internal divider, the VOCM pin sources and sinks current, depending
on the externally applied voltage and its associated source
resistance. Relying on the internal bias results in an output
common-mode voltage that is within about 100 mV of the
expected value.
In cases where more accurate control of the output common-
mode level is required, it is recommended that an external
source or resistor divider be used with source resistance less
than 100 Ω. The output common-mode offset listed in the
Specifications section assumes that the VOCM input is driven
by a low impedance voltage source.
It is also possible to connect the VOCM input to a common-mode
level (CML) output of an ADC. However, care must be taken to
ensure that the output has sufficient drive capability. The input
impedance of the VOCM pin is approximately 10 kΩ. If multiple
ADA4939 devices share one reference output, it is recommended
that a buffer be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com