Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4939-2YCPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4939-2YCPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-2YCPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4939-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADA4939-1/ADA4939-2
Rev. 0 | Page 20 of 24
2.
In order to match the 50 Ω source resistance, the termi-
nation resistor, RT, is calculated using RT||300 Ω = 50 Ω.
The closest standard 1% value for RT is 60.4 Ω.
ADA4939
RL
VOUT, dm
+VS
–VS
RS
50Ω
RG
200Ω
RG
200Ω
RF
400Ω
RF
400Ω
VOCM
VS
2V p-p
RIN
50Ω
RT
60.4Ω
Figure 47. Adding Termination Resistor RT
3.
It can be seen from Figure 47 that the effective RG in the
upper feedback loop is now greater than the RG in the
lower loop due to the addition of the termination resistors.
To compensate for the imbalance of the gain resistors,
a correction resistor (RTS) is added in series with RG in the
lower loop. RTS is equal to the Thevenin equivalent of the
source resistance RS and the termination resistance RT and
is equal to RS||RT.
RS
50Ω
VS
2V p-p
RT
60.4Ω
RTH
27.4Ω
VTH
1.09V p-p
Figure 48. Calculating the Thevenin Equivalent
RTS = RTH = RS||RT = 27.4 Ω. Note that VTH is greater than
1 V p-p, which was obtained with RT = 50 Ω. The modified
circuit with the Thevenin equivalent of the terminated source
and RTS in the lower feedback loop is shown in Figure 49.
ADA4939
RL VOUT, dm
+VS
–VS
RTH
27.4Ω
RG
200Ω
RG
200Ω
RF
400Ω
RF
400Ω
VOCM
VTH
1.09V p-p
RTS
27.4Ω
Figure 49. Thevenin Equivalent and Matched Gain Resistors
Figure 49 presents a tractable circuit with matched
feedback loops that can be easily evaluated.
It is useful to point out two effects that occur with a
terminated input. The first is that the value of RG is increased
in both loops, lowering the overall closed-loop gain. The
second is that VTH is a little larger than 1 V p-p, as it would
be if RT = 50 Ω. These two effects have opposite impacts on
the output voltage, and for large resistor values in the feedback
loops (~1 kΩ), the effects essentially cancel each other out.
For small RF and RG, however, the diminished closed-loop
gain is not canceled completely by the increased VTH. This
can be seen by evaluating Figure 49.
The desired differential output in this example is 2 V p-p
because the terminated input signal was 1 V p-p and the
closed-loop gain = 2. The actual differential output voltage,
however, is equal to (1.09 V p-p)(400/227.4) = 1.92 V p-p.
To obtain the desired output voltage of 2 V p-p, a final gain
adjustment can be made by increasing RF without modifying
any of the input circuitry. This is discussed in Step 4.
4.
The feedback resistor value is modified as a final gain
adjustment to obtain the desired output voltage.
To make the output voltage VOUT = 2 V p-p, RF must be
calculated using the following formula:
()() ()(
)
Ω
=
Ω
=
+
=
−
−
417
09
.
1
4
.
227
2
,
P
P
P
P
TH
TS
G
dm
OUT
F
V
V
V
R
R
V
Desired
R
The closest standard 1 % values to 417 Ω are 412 Ω and
422 Ω. Choosing 422 Ω gives a differential output voltage
of 2.02 V p-p.
The final circuit is shown in Figure 50.
ADA4939
RL
VOUT, dm
2.02V p-p
+VS
–VS
RS
50Ω
RG
200Ω
RG
200Ω
RF
422Ω
RF
422Ω
VOCM
VS
2V p-p
1V p-p
RT
60.4Ω
RTS
27.4Ω
Figure 50. Terminated Single-Ended-to-Differential System with G = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com