Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4939-2YCPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4939-2YCPZ-R7
Description  Ultralow Distortion Differential ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4939-2YCPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4939-2YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4939-2YCPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADA4939-1/ADA4939-2
Rev. 0 | Page 15 of 24
TEST CIRCUITS
ADA4939
1kΩ
5V
402Ω
200Ω
50Ω
200Ω
0.1µF
0.1µF
402Ω
VOCM
60.4Ω
VIN
Figure 39. Equivalent Basic Test Circuit, G = 2
ADA4939
+2.5V
0.1µF
–2.5V
402Ω
200Ω
50Ω
200Ω
49.9Ω
49.9Ω
NETWORK
ANALYZER
INPUT
AC-COUPLED
NETWORK
ANALYZER
OUTPUT
AC-COUPLED
50Ω
402Ω
49.9Ω
49.9Ω
VOCM
60.4Ω
60.4Ω
VIN
Figure 40. Test Circuit for Output Balance, CMRR
ADA4939
5V
402Ω
200Ω
50Ω
200Ω
442Ω
442Ω
0.1µF
0.1µF
402Ω
VOCM
60.4Ω
261Ω
200Ω
2:1
50Ω
CT
VIN
LOW-PASS
FILTER
0.1µF
0.1µF
DUAL
FILTER
Figure 41. Test Circuit for Distortion Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com