Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166 Datasheet(PDF) 42 Page - Analog Devices

Part # ADE7166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADE7166 Datasheet HTML 38Page - Analog Devices ADE7166 Datasheet HTML 39Page - Analog Devices ADE7166 Datasheet HTML 40Page - Analog Devices ADE7166 Datasheet HTML 41Page - Analog Devices ADE7166 Datasheet HTML 42Page - Analog Devices ADE7166 Datasheet HTML 43Page - Analog Devices ADE7166 Datasheet HTML 44Page - Analog Devices ADE7166 Datasheet HTML 45Page - Analog Devices ADE7166 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 42 of 148
7
CF2
Logic one indicates that a pulse on CF2 has been issued. The flag is set even if CF2 pulse
output is not enabled by clearing bit 2 of MODE1 register.
6
CF1
Logic one indicates that a pulse on CF1 has been issued. The flag is set even if CF1 pulse
output is not enabled by clearing bit 1 of MODE1 register.
5
VAEOF
Logic one indicates that the VAHR register has overflowded
4
REOF11
Logic one indicates that the VARHR register has overflowded
3
AEOF
Logic one indicates that the WATTHR register has overflowded
2
VAEHF
Logic one indicates that the VAHR register is half full
1
REHF1
Logic one indicates that the VARHR register is half full
0
AEHF
Logic one indicates that the WATTHR register is half full
Table 38. Interrupt Status Register 3 SFR (MIRQSTH, 0xDE)
Bit
Location
Interrupt Flag
Description
7
RESET
Indicates the end of a reset (for both sofware or hardware reset).
6
-
Reserved
5
WFSM
Logic one indicates that new data is present in the Waveform Registers
4
PKI
Logic one indicates that current channel has exceeded the IPKLVL value
3
PKV
Logic one indicates that voltage channel has exceeded the VPKLVL value.
2
CYCEND
Logic one indicates the end of the energy accumulation over an integer number of half
line cycles.
1
ZXTO
Logic one indicates that no zero crossing on the line voltage happened for the last
ZXTOUT half line cycles.
0
ZX
Logic one indicates detection of a zero crossing in the voltage channel.
Table 39. Interrupt Enable Register 1 SFR (MIRQENL, 0xD9)
Bit
Location
Interrupt Flag
Description
7-6
Reserved
Reserved.
5
FAULTSIGN12
When this bit is set, the FAULTSIGN bit set creates a pending ADE interrupt to the 8052
core.
4
VARSIGN1
When this bit is set, the VARSIGN bit set creates a pending ADE interrupt to the 8052 core.
3
APSIGN
When this bit is set, the APSIGN bit set creates a pending ADE interrupt to the 8052 core.
2
VANOLOAD
When this bit is set, the VANOLOAD bit set creates a pending ADE interrupt to the 8052
core.
1
RNOLOAD1
When this bit is set, the RNOLOAD bit set creates a pending ADE interrupt to the 8052
core.
0
APNOLOAD
When this bit is set, the APNOLOAD bit set creates a pending ADE interrupt to the 8052
core.
Table 40. Interrupt Enable Register 2 SFR (MIRQENM, 0xDA)
Bit
Location
Interrupt Flag
Description
7
CF2
When this bit is set, a CF2 pulse issued creates a pending ADE interrupt to the 8052 core.
6
CF1
When this bit is set, a CF1 pulse issued creates a pending ADE interrupt to the 8052 core.
5
VAEOF
When this bit is set, the VAEOF flag set creates a pending ADE interrupt to the 8052 core.
4
REOF1
When this bit is set, the REOF flag set creates a pending ADE interrupt to the 8052 core.
3
AEOF
When this bit is set, the AEOF flag set creates a pending ADE interrupt to the 8052 core.
2
VAEHF
When this bit is set, the VAEHF flag set creates a pending ADE interrupt to the 8052 core.
1
REHF1
When this bit is set, the REHF flag set creates a pending ADE interrupt to the 8052 core.
11 This function is not available in ADE7566 and ADE7166 products.
12 This function is not available in ADE7566 and ADE7569 products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com