Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166 Datasheet(PDF) 64 Page - Analog Devices

Part # ADE7166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADE7166 Datasheet HTML 60Page - Analog Devices ADE7166 Datasheet HTML 61Page - Analog Devices ADE7166 Datasheet HTML 62Page - Analog Devices ADE7166 Datasheet HTML 63Page - Analog Devices ADE7166 Datasheet HTML 64Page - Analog Devices ADE7166 Datasheet HTML 65Page - Analog Devices ADE7166 Datasheet HTML 66Page - Analog Devices ADE7166 Datasheet HTML 67Page - Analog Devices ADE7166 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 64 of 148
∫
=
dt
t
Power
Apparent
Energy
Apparent
)
(
(30)
The ADE75XX/ADE71XX achieves the integration of the
apparent power signal by continuously accumulating the
apparent power signal in an internal 48-bit register. The
apparent energy register (VAHR[23:0]) represents the upper 24
bits of this internal register. This discrete time accumulation or
summation is equivalent to integration in continuous time.
Equation 31 expresses the relationship
⎪⎭
⎪
⎬
⎫
⎪⎩
⎪
⎨
⎧
×
=
∑
∞
=
→
0
0
)
(
n
T
T
nT
Power
Apparent
Lim
Energy
Apparent
(31)
where:
n is the discrete time sample number.
T is the sample period.
The discrete time sample period (T) for the accumulation
register in the ADE75XX/ADE71XX is 1.22 μs (5/MCLK).
Figure 50 shows this discrete time integration or accumulation.
The apparent power signal is continuously added to the internal
register. This addition is a signed addition even if the apparent
energy remains theoretically always positive.
The 49 bits of the internal register are divided by VADIV. If the
value in the VADIV register is 0, then the internal apparent
energy register is divided by 1. VADIV is an 8-bit unsigned
register. The upper 24 bits are then written in the 24-bit
apparent energy register (VAHR[23:0]). RVAHR register (24
bits long) is provided to read the apparent energy. This register
is reset to 0 after a read operation.
VADIV
APPARENT POWER
+
+
VAHR[23:0]
APPARENT POWER ARE
ACCUMULATED (INTEGRATED) IN
THE APPARENT ENERGY REGISTER
23
0
48
0
48
0
%
TIME (nT)
T
APPARENT POWER
SIGNAL = P
Figure 50. ADE75XX/ADE71XX Apparent Energy Calculation
Note that the apparent energy register is unsigned. By setting the
VAEHF and VAEOF bits in the Interrupt Enable Register 2 SFR
(MIRQENM, 0xDA), the ADE75XX/ADE71XX can be con-
figured to issue an ADE interrupt to the 8052 core when the
apparent energy register is half full or when an overflow occurs.
The half full interrupt for the unsigned apparent energy register
is based on 24 bits as opposed to 23 bits for the signed active
energy register.
Integration Times under Steady Load
As mentioned in the last section, the discrete time sample
period (T) for the accumulation register is 1.22 μs (5/MCLK).
With full-scale sinusoidal signals on the analog inputs and the
VAGAIN register set to 0x000, the average word value from
apparent power stage is 0x1A36E2—see the section. The
maximum value that can be stored in the apparent energy
register before it overflows is 224 or 0xFF,FFFF. The average
word value is added to the internal register, which can store 248
or 0xFFFF,FFFF,FFFF before it overflows. Therefore, the
integration time under these conditions with VADIV = 0 is
calculated as follows:
Time =
055
xD
0
FFFF
FFFF,
xFFFF,
0
× 1.22 μs = 199 s = 3.33 min (32)
When VADIV is set to a value different from 0, the integration
time varies, as shown in Equation 33.
Time = TimeWDIV = 0 × VADIV
(33)
Apparent energy Pulse output
ADE75XX/ADE71XX also provides all the circuitry to have a
pulse output those frequency is proportional to apparent power
– see Energy-to-Frequency Conversion section. This pulse
frequency output uses the calibrated signal after VAGAIN. This
output can also be used to output a pulse those frequency is
proportional to Irms.
The pulse output is active low and should be preferably
connected to an LED as shown on Figure 53.
Line Apparent Energy Accumulation
The ADE75XX/ADE71XX is designed with a special apparent
energy accumulation mode, which simplifies the calibration
process.
By using the on-chip zero-crossing detection, the
ADE75XX/ADE71XX accumulates the apparent power signal
in the LVAHR register for an integral number of half cycles, as
shown in Figure 51. The line apparent energy accumulation
mode is always active.
The number of half line cycles is specified in the LINCYC
register, which is an unsigned 16-bit register. The
ADE75XX/ADE71XX can accumulate apparent power for up to
65535 combined half cycles. Because the apparent power is
integrated on the same integral number of line cycles as the line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com