Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166 Datasheet(PDF) 33 Page - Analog Devices

Part # ADE7166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADE7166 Datasheet HTML 29Page - Analog Devices ADE7166 Datasheet HTML 30Page - Analog Devices ADE7166 Datasheet HTML 31Page - Analog Devices ADE7166 Datasheet HTML 32Page - Analog Devices ADE7166 Datasheet HTML 33Page - Analog Devices ADE7166 Datasheet HTML 34Page - Analog Devices ADE7166 Datasheet HTML 35Page - Analog Devices ADE7166 Datasheet HTML 36Page - Analog Devices ADE7166 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 33 of 148
3.3V PERIPHERALS AND WAKEUP EVENTS
Some of the 3.3V peripherals are capable of waking the
ADE75XX/ADE71XX from PSM2. The events that can cause
the ADE75XX/ADE71XX to wake from PSM2 are listed in the
Wakeup Events column in Table 25.
Table 25. 3.3V Peripherals and Wakeup Events
3.3V
Peripheral
Wakeup
Event
Wakeup
Enable
Bits
Flag
Interrupt Vector
Comments
Temperature
ADC
ΔT
Maskable
-
ITADC
The temperature ADC can wake-up the 8052 if the
ITADC flag is set . This flag is set according to the
description in the Temperature measurement
section. This wakeup event can be disabled by
disabling temperature measurements in the
Temperature and Voltage ADC Delta SFR
(DIFFPROG, 0xF3) in PSM2.
VDCIN ADC
ΔV
Maskable
FVADC
IPSM
The VDCIN measurement can wake-up the 8052. The
FVADC is set according to the description in the
External Voltage Measurement section. This
wakeup event can be disabled by clearing the
EVADC in the Power Management Interrupt Enable
SFR (IPSME, 0xEC).
Power Supply
Management
PSR
Non-
maskable
PSR
IPSM
The 8052 will wake up if the power supply is
restored (if VSW switches to be connected to VDD).
The VSWSOURCE flag, bit 6 of the Peripheral
Configuration SFR (PERIPH, 0xF4) SFR, is set to
indicate that VSW is connected to VDD.
This is a nonmaskable wakeup event.
Midnight
Non-
maskable
Midnight
IRTC
The ADE75XX/ADE71XX will wake up at midnight
every day to update its calendar.
This event is a nonmaskable wakeup event.
RTC
Alarm
Maskable
Alarm
IRTC
Set an alarm to wake the ADE75XX/ADE71XX after
the desired amount of time.
The RTC Alarm is enabled by setting the alarm bit in
the RTC Configuration SFR (TIMECON, 0xA1).
All I/O pins are treated as inputs. The weak pull-up on each I/O pin can be disabled individually in the Port 0 Weak pull-
up enable SFR (PINMAP0, 0xB2), Port 1 Weak pull-up enable SFR (PINMAP1, 0xB3) and Port 2 Weak pull-up enable SFR
(PINMAP2, 0xB4) to decrease current consumption and also avoid powering up disabled peripheral through the internal
pull-up through the I2C port for example. The interrupts can be enabled/disabled.
INT0
INT0PROG
=1
-
IE0
The edge of the interrupt is selected by TCON.IT0
The IE0 flag bit in the TCON register will not be affected.
INT1
INT1PROG
[2:0 ]= 11X
-
IE1
The edge of the interrupt is selected by TCON.IT1
The IE1 flag bit in the TCON register will not be affected.
I/O Ports
RX Edge
RXPROG [1:0]
= 11
PERIPH.7
(RXFG)
-
An RX Edge event will occur if a rising or falling edge is
detected on the RX line
External Reset
RESET
Non-
maskable
-
-
If the RESET pin is brought low while the ADE75XX/ADE71XX
is in PSM2, it will wake up to PSM1.
LCD
-
-
-
-
The LCD can be enabled/disabled in PSM2. The LCD data
memory will remain intact.
Scratchpad
-
-
-
-
The 4 SCRATCHx registers will remain intact in PSM2.
TRANSITIONING BETWEEN OPERATING MODES
The operating mode of the ADE75XX/ADE71XX is determined
by the power supply connected to VSW. Therefore a change in
the power supply such as when VSW switches from VDD to VBAT
or when VSW switches to VDD changes the operating mode. This
section describes events that change the operating mode.
Automatic Battery Switchover (PSM0 to PSM1)
If any of the enabled battery switchover events occur (see the
Battery Switchover section), VSW switches to VBAT. This
switchover results in a transition from the PSM0 to PSM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com