Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166 Datasheet(PDF) 71 Page - Analog Devices

Part # ADE7166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADE7166 Datasheet HTML 67Page - Analog Devices ADE7166 Datasheet HTML 68Page - Analog Devices ADE7166 Datasheet HTML 69Page - Analog Devices ADE7166 Datasheet HTML 70Page - Analog Devices ADE7166 Datasheet HTML 71Page - Analog Devices ADE7166 Datasheet HTML 72Page - Analog Devices ADE7166 Datasheet HTML 73Page - Analog Devices ADE7166 Datasheet HTML 74Page - Analog Devices ADE7166 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 71 of 148
initiated by setting the TADC bit in the Start ADC
Measurement SFR (ADCGO, 0xD8). Background temperature
measurements are not available.
PSM2: In this operating mode, the 8052 is not active.
Temperature conversions are available through the background
measurement mode only.
The Temperature ADC value SFR (TEMPADC, 0xD7) is
updated with a new value only when a temperature ADC
interrupt occurs.
Temperature ADC interrupt
The temperature ADC can generate an ADC interrupt when at
least one of the following conditions occurs:
- The difference between the new temperature ADC value and
the last temperature ADC value generating an ADC interrupt is
larger than the value set in the TEMP_DIFF bits.
- The Temperature ADC conversion, initiated by setting TADC
in the Start ADC Measurement SFR (ADCGO, 0xD8), is
finished.
When the ADC interrupt occurs, a new value is available in the
Temperature ADC value SFR (TEMPADC, 0xD7). Note that
there is no flag associated with this interrupt.
BATTERY MEASUREMENT
To provide a digital battery measurement, the
ADE75XX/ADE71XX includes a dedicated ADC. The battery
measurement is available in an 8-bit SFR (Battery ADC value
SFR (BATADC, 0xDF). The battery measurement has a
resolution of 15 mV/LSB. A battery conversion can be initiated
by two methods:
- Single Battery Measurement
- Background Battery Measurements
Single Battery Measurement
Set the BTADC bit in the Start ADC Measurement SFR
(ADCGO, 0xD8) to get a battery measurement. An interrupt
will be generated when the conversion is done and the battery
measurement is available in the Battery ADC value SFR
(BATADC, 0xDF).
Background Battery measurements
To configure background measurements for the battery,
establish a measurement interval in the Peripheral ADC Strobe
Period SFR (STRBPER, 0xF9). Then battery measurements will
be performed periodically in the background – see Table 46.
When a battery conversion completes, the battery ADC value is
compared to the low battery threshold, established in the
Battery detection threshold SFR (BATVTH, 0xFA). If it is below
this threshold, a low battery flag is set. This low battery flag is
the BATTFLAG bit in the Power Management Interrupt Flag
SFR (IPSMF, 0xF8), used for power supply monitoring. This low
battery flag can be enabled to generate the PSM interrupt by
setting the EBATT bit in the Power Management Interrupt
Enable SFR (IPSME, 0xEC). This method allows battery
measurements to take place completely in the background, only
requiring MCU activity if the battery drops below a user
specified threshold.
To set up background battery measurements:
1.
Configure the Battery detection threshold SFR
(BATVTH, 0xFA) to establish a low battery threshold.
If the BATADC measurement is below this threshold,
the BATTFLAG in the Power Management Interrupt
Flag SFR (IPSMF, 0xF8) will be set.
2.
Set up the interval for background battery
measurements by configuring the
BATT_PERIOD[1:0] bits.
Battery ADC in PSM1 and PSM2
Depending on the operating mode, a battery conversion is
initiated only by certain actions:
PSM0: In this operating mode, the 8052 is active. Battery
measurements are available in the background measurement
mode and by initiating a single measurement.
PSM1: In this operating mode, the 8052 is active and the part is
powered from battery. Single battery measurements can be
initiated by setting the BTADC bit in the Start ADC
Measurement SFR (ADCGO, 0xD8). Background battery
measurements are not available.
PSM2: In this operating mode, the 8052 is not active. Battery
conversions are available through the background measurement
mode only.
Battery ADC interrupt
The battery ADC can generate an ADC interrupt when at least
one of the following conditions occurs:
- The new battery ADC value is smaller than the value set in the
Battery detection threshold SFR (BATVTH, 0xFA), indicating a
battery voltage loss.
- A single battery measurement, initiated by setting the
BATT_ADC_GO bit, is finished.
When the battery flag is set in the Power Management Interrupt
Flag SFR (IPSMF, 0xF8), a new ADC value is available in the
Battery ADC value SFR (BATADC, 0xDF). This battery flag can
be enabled as a source of the PSM interrupt to generate a PSM
interrupt every time the battery drops below a set voltage
threshold or after a single conversion initiated by setting the
BATT_ADC_GO bit is ready.
The Battery ADC value SFR (BATADC, 0xDF) is updated with a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com