Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166 Datasheet(PDF) 93 Page - Analog Devices

Part # ADE7166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166 Datasheet(HTML) 93 Page - Analog Devices

Back Button ADE7166 Datasheet HTML 89Page - Analog Devices ADE7166 Datasheet HTML 90Page - Analog Devices ADE7166 Datasheet HTML 91Page - Analog Devices ADE7166 Datasheet HTML 92Page - Analog Devices ADE7166 Datasheet HTML 93Page - Analog Devices ADE7166 Datasheet HTML 94Page - Analog Devices ADE7166 Datasheet HTML 95Page - Analog Devices ADE7166 Datasheet HTML 96Page - Analog Devices ADE7166 Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 93 of 148
LCD DRIVER
The LCD module is capable of directly driving an LCD panel of
24 x 4 segments without compromising any
ADE75XX/ADE71XX functionalities. Using shared pins, the
driver can accommodate an LCD with up to 26 x 4 segments. It
is capable of driving LCDs with 2x, 3x and 4x multiplexing.
LCD waveform voltages generated through internal charge
pump circuitry support up to 5V LCDs. An external resistor
ladder for LCD waveform voltage generation is also supported.
The ADE75XX/ADE71XX has an embedded LCD control
circuit, LCD driver and power supply circuit. The LCD module
is functional in all Operating modes.
LCD SFR REGISTER LIST
There are six LCD control registers that configure the driver for
the specific type of LCD in the end system and set up the user
display preferences. The LCD Configuration SFR (LCDCON,
0x95), LCD Configuration X SFR (LCDCONX, 0x9C) and LCD
Configuration Y SFR (LCDCONY, 0xB1) SFRs contains general
LCD driver configuration information including the LCD
enable and reset, as well as method of LCD voltage generation
and the multiplex level. The LCD Clock SFR (LCDCLK, 0x96)
configures timing settings for LCD frame rate and blink rate.
LCD pins are configured for LCD functionality in the LCD
Segment Enable SFR (LCDSEGE, 0x97) and LCD Segment
Enable 2 SFR (LCDSEGE2, 0xED).
Table 73. LCD Driver SFRs
SFR
address
(hex)
R/W
Name
Description
0x95
R/W
LCDCON
LCD Configuration SFR
0x96
R/W
LCDCLK
LCD Clock
0x97
R/W
LCDSEGE
LCD Segment Enable
0x9C
R/W
LCDCONX
LCD Configuration X
0xAC
R/W
LCDPTR
LCD Pointer
0xAE
R/W
LCDDAT
LCD Data
0xB1
R/W
LCDCONY
LCD Configuration Y
0xED
R/W
LCDSEGE2
LCD Segment Enable 2
0xF4
R/W
PERIPH
Peripheral Configuration
Table 74. LCD Configuration SFR (LCDCON, 0x95)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
LCDEN
0
LCD enable.
If this bit is set, the LCD driver is enabled.
6
LCDRST
0
LCD data registers are reset to zero.
If this bit is set, the LCD data registers will be reset to zero.
5
BLINKEN
0
Blink Mode enable bit.
If this bit is set, blink mode is enabled. The blink mode is configured by the
BLKMOD[1:0] and BLKFREQ[1:0] bits in the LCD Clock SFR (LCDCLK, 0x96)
Force LCD off when in PSM2 (Sleep mode).
0
The LCD is disabled or enabled in PSM2 by LCDEN bit.
4
LCDPSM2
0
1
The LCD is disabled in PSM2 regarless of LCDEN setting.
LCD clock selection
fLCDCLK
0
2048Hz
3
CLKSEL
0
1
128Hz
Bias Mode
2
BIAS
0
0
1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com