Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166 Datasheet(PDF) 96 Page - Analog Devices

Part # ADE7166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166 Datasheet(HTML) 96 Page - Analog Devices

Back Button ADE7166 Datasheet HTML 92Page - Analog Devices ADE7166 Datasheet HTML 93Page - Analog Devices ADE7166 Datasheet HTML 94Page - Analog Devices ADE7166 Datasheet HTML 95Page - Analog Devices ADE7166 Datasheet HTML 96Page - Analog Devices ADE7166 Datasheet HTML 97Page - Analog Devices ADE7166 Datasheet HTML 98Page - Analog Devices ADE7166 Datasheet HTML 99Page - Analog Devices ADE7166 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 96 of 148
Table 80. LCD frame rate selection for fLCDCLK=128Hz (LCDCON[3]=1)
2x multiplexing
3x multiplexing
4x multiplexing
FD3
FD2
FD1
FD0
fLCD(Hz)
Frame Rate (Hz)
Frame Rate (Hz)
Frame Rate (Hz)
1
1
1
1
128
64
42.7
32
0
0
0
0
64
32
21.3
16
0
0
0
1
32
16
10.7
8
0
0
1
0
21.3
10.6
10.7
8
0
0
1
1
16
8
10.7
8
: Boxes shaded in grey are not within the range of typical LCD frame rates
Table 81. LCD Segment Enable SFR (LCDSEGE, 0x97)
Bit
Location
Bit
Mnemonic
Default
Value
Description
FP25 Function Select bit
0
General Purpose I/O
7
FP25EN
0
1
LCD Function
FP24 Function Select bit
0
General Purpose I/O
6
FP24EN
0
1
LCD Function
FP23 Function Select bit
0
General Purpose I/O
5
FP23EN
0
1
LCD Function
FP22 Function Select bit
0
General Purpose I/O
4
FP22EN
0
1
LCD Function
FP21 Function Select bit
0
General Purpose I/O
3
FP21EN
0
1
LCD Function
FP20 Function Select bit
0
General Purpose I/O
2
FP20EN
0
1
LCD Function
Delay before powerdown?
FDELAY[1:0]
0
0
No timeout
0
1 2 cycles
1
0 4 cycles
1-0
FDELAY
0
1
1 8 cycles
Table 82. LCD Pointer SFR (LCDPTR, 0xAC)
Bit
Location
Bit
Mnemonic
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com