Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166 Datasheet(PDF) 2 Page - Analog Devices

Part # ADE7166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166 Datasheet(HTML) 2 Page - Analog Devices

  ADE7166 Datasheet HTML 1Page - Analog Devices ADE7166 Datasheet HTML 2Page - Analog Devices ADE7166 Datasheet HTML 3Page - Analog Devices ADE7166 Datasheet HTML 4Page - Analog Devices ADE7166 Datasheet HTML 5Page - Analog Devices ADE7166 Datasheet HTML 6Page - Analog Devices ADE7166 Datasheet HTML 7Page - Analog Devices ADE7166 Datasheet HTML 8Page - Analog Devices ADE7166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 2 of 148
FUNCTIONAL BLOCK DIAGRAM
1.20V
REF
ADC
ADC
IPA
IN
VP
VN
ENERGY
MEASUREMENT
DSP
PGA1
PGA2
OSC
PLL
COM0
...
COM3
TEMP
ADC
BATTERY
ADC
LDO
POR
3V/5V LCD
CHARGE PUMP
VSW
ADC
ADC
PGA1
IPB
TEMP
SENSOR
V
BAT
POWER SUPPLY
CONTROL &
MONITORING
LDO
DGND
AGND
UART
SERIAL
PORT
UART
TIMER
DOWNLOADER
DEBUGGER
LCDVA
LCDVB
LCDVC
FP0
...
FP15
RTC
1
4
15
17
18
55
53
52
49
50
54
63
58
13
14
20
35
11
12
9
10
7
8
5
6
LCDVP1
LCDVP2
16
19
FP16
FP17
FP23
FP22
FP21
FP20
FP19
FP18
FP25
FP24
14
P2.0 (FP18)
P2.1 (FP17)
P2.2 (FP16)
P2.3 (SDEN)
13
12
44
Figure 1. ADE75xx/ADE71xx Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com