Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166 Datasheet(PDF) 58 Page - Analog Devices

Part # ADE7166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADE7166 Datasheet HTML 54Page - Analog Devices ADE7166 Datasheet HTML 55Page - Analog Devices ADE7166 Datasheet HTML 56Page - Analog Devices ADE7166 Datasheet HTML 57Page - Analog Devices ADE7166 Datasheet HTML 58Page - Analog Devices ADE7166 Datasheet HTML 59Page - Analog Devices ADE7166 Datasheet HTML 60Page - Analog Devices ADE7166 Datasheet HTML 61Page - Analog Devices ADE7166 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 58 of 148
0xDB) is set, the 8052 core has a pending ADE interrupt. The
ADE interrupt stays active until the CYCEND status bit is
cleared—see Energy measurement interrupts section. Another
calibration cycle will start as soon as the CYCEND flag is set. If
the LWATTHR register is not read before a new CYCEND flag
is set, the LWATTHR register will be overwritten by a new
value.
When a new half line cycles is written in LINECYC register, the
LWATTHR register is reset and a new accumulation start at the
next zero-crossing. The number of half line cycles is then
counted until LINCYC is reached . This implementation
provides a valid measurement at the first CYCEND interrupt
after writing to the LINCYC register – see Figure 43. The line
active energy accumulation uses the same signal path as the
active energy accumulation. The LSB size of these two registers
is equivalent.
LINECYC
VALUE
CYCEND IRQ
LWATTHR REGISTER
Figure 43. Energy Accumulation when LINECYC changed
From Equations 13 and 18,
E(t) =
⎪⎪
⎪⎪
+
nT
nT
f
VI
dt
VI
0
2
0
cos
9
.
8
1
(2πft)dt
(20)
where:
n is an integer.
T is the line cycle period.
Since the sinusoidal component is integrated over an integer
number of line cycles, its value is always 0. Therefore,
E =
nT
VIdt
0
+ 0
(21)
E(t) = VInT
(22)
WDIV[7:0]
WATTOS[15:0]
WGAIN[11:0]
LPF1
+
+
LWATTHR [23:0]
ACCUMULATE ACTIVE
ENERGY IN INTERNAL
REGISTER AND UPDATE
THE LWATTHR REGISTER
AT THE END OF LINCYC
HALF LINE CYCLES
OUTPUT
FROM
LPF2
FROM VOLTAGE
CHANNEL
ADC
23
0
LINCYC [15:0]
48
0
%
ZERO CROSS
DETECTION
CALIBRATION
CONTROL
TO
DIGITAL TO FREQUENCY
CONVERTER
Figure 44. Line Cycle Active Energy Accumulation
Note that in this mode, the 16-bit LINCYC register can hold a
maximum value of 65,535. In other words, the line energy
accumulation mode can be used to accumulate active energy for
a maximum duration over 65,535 half line cycles. At 60 Hz line
frequency, it translates to a total duration of 65,535/120 Hz =
546 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com