Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7166 Datasheet(PDF) 137 Page - Analog Devices

Part # ADE7166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7166 Datasheet(HTML) 137 Page - Analog Devices

Back Button ADE7166 Datasheet HTML 133Page - Analog Devices ADE7166 Datasheet HTML 134Page - Analog Devices ADE7166 Datasheet HTML 135Page - Analog Devices ADE7166 Datasheet HTML 136Page - Analog Devices ADE7166 Datasheet HTML 137Page - Analog Devices ADE7166 Datasheet HTML 138Page - Analog Devices ADE7166 Datasheet HTML 139Page - Analog Devices ADE7166 Datasheet HTML 140Page - Analog Devices ADE7166 Datasheet HTML 141Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 148 page
background image
Preliminary Technical Data
ADE75xx/ADE71xx
Rev. PrE | Page 137 of 148
00
Fcore / 16 = 256kHz if Fcore = 4.096MHz
01
Fcore / 32 = 128kHz if Fcore = 4.096MHz
10
Fcore / 64 = 64Hz if Fcore = 4.096MHz
11
Fcore / 128= 32kHz if Fcore = 4.096MHz
4-0
0xEC –
oxE8
I2CRCT[4:0]
0
Configures the length of the I2C received FIFO buffer. The I2C peripheral
will stop when I2CRCT[4:0] + 1 bytes have been read or if an error has
occured
Table 136. I2C Slave Address SFR (I2CADR, 0xE9)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-1
I2CSLVADR
0
Address of the I2C slave being adressed
Writing to this register start the I2C transmission (Read or write)
0
I2CR_W
0
Command bit for Read or Write
When this bit is set to logic one, a read command will be transmitted on
the I2C bus. Data from slave in SPI2CRx SFR is expected after command
byte
When this bit is set to logic zero, a write command will be transmitted on
the I2C bus. Data to slave is expected in SPI2CTx SFR
Table 137. I2C Interrupt Status Register SFR (I2CSTAT, 0xEA)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7
I2CBUSY
0
This bit is set to logic one when the I2C interface is used. When this bit is
set by user code, the Tx FIFO is emptied
6
I2CNOACK
0
I2C no acknlowledgement transmit interrupt
This bit is set to logic one when the slave device did not send an
acknlowledgement. The I2C communication is stopped after this event.
Write a zero to this bit to clear it.
5
I2CRxIRQ
0
I2C receive interrupt
This bit is set to logic one when the receive FIFO is not empty
Write a zero to this bit to clear it.
4
I2CTxIRQ
0
I2C transmit interrupt
This bit is set to logic one when the transmit FIFO is empty
Write a zero to this bit to clear it.
3-2
I2CFIFOSTAT[1:0]
0
Status bit for 3 or 4 bytes deep I2C FIFO. The FIFO monitored in these 2
bits is the one currently used in I2C communication (Receive or Transmit)
as only one of them is active at a time
[1:0]
00
FIFO empty
01
Reserved
10
FIFO Half full
11
FIFO Full
1
I2CACC_ERR
0
Set when trying to write and read at the same time. Write a zero to this bit
to clear it.
0
I2CTxWR_ERR
0
Set when write was attempted when I2C transmit FIFO was full. Write a
zero to this bit to clear it.
An I2C interrupt occurs
* Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C
Patent Rights to use the ADE7XXX in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
READ AND WRITE OPERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com