Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 109 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 109 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 105Page - Analog Devices ADE7569 Datasheet HTML 106Page - Analog Devices ADE7569 Datasheet HTML 107Page - Analog Devices ADE7569 Datasheet HTML 108Page - Analog Devices ADE7569 Datasheet HTML 109Page - Analog Devices ADE7569 Datasheet HTML 110Page - Analog Devices ADE7569 Datasheet HTML 111Page - Analog Devices ADE7569 Datasheet HTML 112Page - Analog Devices ADE7569 Datasheet HTML 113Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 109 of 136
Table 121. Alarm Interval SFR (INTVAL, 0xA6)
Bit No.
Mnemonic
Default
Description
7 to 0
INTVAL
0
The interval timer counts according to the time base established in the ITS[1:0] bits of the RTC Configuration
SFR (TIMECON, 0xA1). Once the number of counts is equal to INTVAL, the ALARM flag is set and a
pending RTC interrupt is created. Note that the interval counter is 8-bits. Therefore, it could count up to
255 sec, for example.
Table 122. RTC Nominal Compensation SFR (RTCCOMP, 0xF6)
Bit No.
Mnemonic
Default
Description
7 to 0
RTCCOMP
0
The RTCCOMP SFR holds the nominal RTC compensation value at 25°C. This register is retained during a
watchdog reset or an external reset. It is reset after a POR.
Table 123. RTC Temperature Compensation SFR (TEMPCAL, 0xF7)
Bit No.
Mnemonic
Default
Description
7 to 0
TEMPCAL
0
The TEMPCAL SFR is adjusted based on the temperature read in the TEMPADC to calibrate the RTC over
temperature. This allows the external crystal shift to be compensated over temperature. This register is
retained during a watchdog reset or an external reset. It is reset after a POR.
Table 124. Interrupt Pins Configuration SFR (INTPR, 0xFF)
Bit No.
Mnemonic
Default
Description
7
RTCCAL
0
Controls the RTC calibration output. When set, the RTC calibration frequency selected by FSEL[1:0] is
output on the P0.2/CF1/RTCCAL pin.
Sets RTC calibration output frequency and calibration window.
FSEL[1:0]
Result (Calibration window, frequency)
0
0
30.5 sec, 1 Hz
0
1
30.5 sec, 512 Hz
1
0
0.244 sec, 500 Hz
6 to 5
FSEL[1:0]
1
1
0.244 sec, 16.384 kHz
4
Reserved
Controls the function of INT1.
INT1PRG[2:0]
Result
x
0
0
GPIO
x
0
1
BCTRL
0
1
x
INT1 input disabled
3 to 1
INT1PRG[2:0]
000
1
1
x
INT1 input enabled
Controls the function of INT0.
INT0PRG
Result
0
INT0 input disabled
0
INT0PRG
0
1
INT0 input enabled
Writing to the Interrupt Pins Configuration SFR (INTPR, 0xFF)
To protect the RTC from runaway code, a key must be written to the KYREG register to obtain write access to the Interrupt Pins
Configuration SFR (INTPR, 0xFF). The KYREG should be set to 0xEA to unlock this SFR and resets to zero after a timekeeping register is
written to. The RTC registers can be written using the following 8052 assembly code:
MOV
KYREG, #0EAh
MOV
INTPR, #080h
Table 125. Key SFR (KYREG, 0xC1)
Bit No.
Mnemonic
Default
Description
7 to 0
KYREG
0
Write 0xA7 to the this SFR before writing to the POWCON SFR, which unlocks KYREG.
Write 0xEA to the this SFR before writing to the HTHSEC, SEC, MIN, or HOUR timekeeping registers to
unlock KYREG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com