Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569 Datasheet(PDF) 110 Page - Analog Devices

Part # ADE7569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569 Datasheet(HTML) 110 Page - Analog Devices

Back Button ADE7569 Datasheet HTML 106Page - Analog Devices ADE7569 Datasheet HTML 107Page - Analog Devices ADE7569 Datasheet HTML 108Page - Analog Devices ADE7569 Datasheet HTML 109Page - Analog Devices ADE7569 Datasheet HTML 110Page - Analog Devices ADE7569 Datasheet HTML 111Page - Analog Devices ADE7569 Datasheet HTML 112Page - Analog Devices ADE7569 Datasheet HTML 113Page - Analog Devices ADE7569 Datasheet HTML 114Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 110 of 136
READ AND WRITE OPERATIONS
Writing to the RTC Registers
The RTC circuitry runs off a 32.768 kHz clock. The timekeeping
registers, Hundredths of a Second Counter SFR (HTHSEC,
0xA2), Seconds Counter SFR (SEC, 0xA3), Minutes Counter
SFR (MIN, 0xA4), and Hours Counter SFR (HOUR, 0xA5)
are updated with a 32.768 kHz clock. However, the RTC
Configuration SFR (TIMECON, 0xA1) and Alarm Interval SFR
(INTVAL, 0xA6) are updated with a 128 Hz clock. It takes up to
two 128 Hz clock cycles from when the MCU writes to the RTC
Configuration SFR (TIMECON, 0xA1) or Alarm Interval SFR
(INTVAL, 0xA6) until it is successfully updated in the RTC.
To protect the RTC timekeeping registers from runaway code, a
key must be written to the Key SFR (KYREG, 0xC1) to obtain
write access to the HTHSEC, SEC, MIN and HOUR SFRs. The
Key SFR (KYREG, 0xC1) should be set to 0xEA to unlock the
timekeeping registers and resets to 0 after a timekeeping register
is written to. The RTC registers can be written using the
following 8052 assembly code:
MOV RTCKey, #0EAh
CALL
UpdateRTC
…
UpdateRTC:
MOV KYREG, RTCKey
MOV SEC, #30
MOV KYREG, RTCKey
MOV MIN, #05
MOV KYREG, RTCKey
MOV HOUR, #04
RET
Reading the RTC Counter SFRs
The RTC cannot be stopped to read the current time because
stopping the RTC would introduce an error in its timekeeping.
So the RTC is read on the fly. Therefore, the counter registers
must be checked for overflow. This can be accomplished
through the following 8052 assembly code:
ReadAgain:
MOV R0, HTHSEC
; using Bank 0
MOV R1, SEC
MOV R2, MIN
MOV R3, HOUR
MOV A,
HTHSEC
CJNE
A, 00h, ReadAgain ; 00h is R0 in
Bank 0
RTC MODES
The RTC can be configured in a 24-hour mode or a 256-hour
mode. A midnight event is generated when the RTC hour
counter rolls over from 23 to 0 or 255 to 0, depending on
whether the TFH bit is set in the RTC Configuration SFR
(TIMECON, 0xA1). The midnight event sets the MIDNIGHT
flag in the RTC Configuration SFR (TIMECON, 0xA1) and a
pending RTC interrupt is created. The RTC midnight event
wakes the 8052 MCU core if the MCU is asleep in PSM2 when
the midnight event occurs.
In the 24-hour mode, the midnight event is generated once a
day at midnight. The 24-hour mode is useful for updating a
software calendar to keep track of the current day. The 256-hour
mode results in power savings during extended operation in
PSM2 because the MCU core wakes up less frequently.
RTC INTERRUPTS
The RTC midnight interrupt and alarm interrupt are enabled by
setting the ETI bit in the Interrupt Enable and Priority 2 SFR
(IEIP2, 0xA9). When a midnight or alarm event occurs, a
pending RTC interrupt is generated. If the RTC interrupt is
enabled, the program vectors to the RTC interrupt address and
the pending interrupt is cleared. If the RTC interrupt is
disabled, the RTC interrupt remains pending until the RTC
interrupt is enabled. The program then vectors to the RTC
interrupt address.
The MIDNIGHT flag and ALARM flag are set when the
midnight event and alarm event occur, respectively. The user
should manage these flags to keep track of which event caused
an RTC interrupt by servicing the event and clearing the
appropriate flag in the RTC interrupt servicing routine.
Note that if the ADE7566/ADE7569 are awakened by an RTC
event, either by the MIDNIGHT event or ALARM event, the
pending RTC interrupt must be serviced before the device can
go back to sleep again. The ADE7566/ADE7569 will keep
waking up until this interrupt has been serviced.
Interval Timer Alarm
The RTC can be used as an interval timer. When the interval
timer is enabled by setting the ITEN bit in the RTC Configuration
SFR (TIMECON, 0xA1), the interval timer clock source
selected by the ITS1 and ITS0 bits is passed through an 8-bit
counter. This counter increments on every interval timer clock
pulse until it is equal to the value in the Alarm Interval SFR
(INTVAL, 0xA6). Then, an alarm event is generated, setting the
ALARM flag and creating a pending RTC interrupt. If the SIT
bit in the RTC Configuration SFR (TIMECON, 0xA1) is
cleared, the 8-bit counter is also cleared and starts counting
again. If the SIT bit is set, the 8-bit counter is held in reset after
the alarm occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com