Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 121 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 121 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 117Page - Analog Devices ADE7566 Datasheet HTML 118Page - Analog Devices ADE7566 Datasheet HTML 119Page - Analog Devices ADE7566 Datasheet HTML 120Page - Analog Devices ADE7566 Datasheet HTML 121Page - Analog Devices ADE7566 Datasheet HTML 122Page - Analog Devices ADE7566 Datasheet HTML 123Page - Analog Devices ADE7566 Datasheet HTML 124Page - Analog Devices ADE7566 Datasheet HTML 125Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 121 of 136
Table 137. SPI Configuration Register SFR (SPIMOD2, 0xE9)
Bit No.
Mnemonic
Default
Description
Master Mode, SPI Continuous Transfer Mode Enable Bit.
SPICONT
Result
0
The SPI interface stops after one byte is transferred and SS is deasserted. A new data transfer
can be initiated after a stalled period.
7
SPICONT
0
1
The SPI interface continues to transfer data until no valid data is available in the SPI2CTx SFR.
SS remains asserted until the SPI2CTx SFR and the transmit shift register is empty.
SPI Interface Enable Bit.
SPIEN
Result
0
The SPI interface is disabled.
6
SPIEN
0
1
The SPI interface is enabled.
SPI Open Drain Output Configuration Bit.
SPIODO
Result
0
Internal pull-up resistors are connected to the SPI outputs.
5
SPIODO
0
1
The SPI outputs are open-drain and need external pull-up resistors.
SPI Master Mode Enable Bit.
SPIMS_b
Result
0
The SPI interface is defined as a slave.
4
SPIMS_b
0
1
The SPI interface is defined as a master.
SPI Clock Polarity Configuration Bit (see Figure 97).
SPICPOL
Result
0
The default state of SCLK is low, and the first SCLK edge is rising. Depending on SPICPHA bit,
the SPI data output changes state on the falling or rising edge of SCLK while the SPI data
input is sampled on the rising or falling edge of SCLK.
3
SPICPOL
0
1
The default state of SCLK is high, and the first SCLK edge is falling. Depending on SPICPHA
bit, the SPI data output changes state on the rising or falling edge of SCLK while the SPI data
input is sampled on the falling or rising edge of SCLK.
SPI Clock Phase Configuration Bit (see Figure 97).
SPICPHA
Result
0
The SPI data output changes state when SS goes low at the second edge of SCLK and then
every two subsequent edges while the SPI data input is sampled at the first SCLK edge and
then every two subsequent edges.
2
SPICPHA
0
1
The SPI data output changes state at the first edge of SCLK and then every two subsequent
edges while the SPI data input is sampled at the second SCLK edge and then every two
subsequent edges.
Master Mode, LSB First Configuration Bit.
SPILSBF
Result
0
The MSB of the SPI outputs is transmitted first.
1
SPILSBF
0
1
The LSB of the SPI outputs is transmitted first.
Transfer and Interrupt Mode of the SPI Interface.
TIMODE
Result
0
Transfer is initiated when data is read from the SPI2CRx SFR, and an interrupt is generated
when there is new data in the SPI2CRx SFR.
0
TIMODE
0
1
Transfer is initiated when data is written to the SPI2CTx SFR, and an interrupt is generated
when the SPI2CTx SFR is empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com