Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 117 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 117 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 113Page - Analog Devices ADE7566 Datasheet HTML 114Page - Analog Devices ADE7566 Datasheet HTML 115Page - Analog Devices ADE7566 Datasheet HTML 116Page - Analog Devices ADE7566 Datasheet HTML 117Page - Analog Devices ADE7566 Datasheet HTML 118Page - Analog Devices ADE7566 Datasheet HTML 119Page - Analog Devices ADE7566 Datasheet HTML 120Page - Analog Devices ADE7566 Datasheet HTML 121Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 117 of 136
Timer 2 is selected as the baud rate generator by setting TCLK
and/or RCLK in Timer/Counter 2 Control SFR (T2CON, 0xC8).
The baud rates for transmit and receive can be simultaneously
different. Setting RCLK and/or TCLK puts Timer 2 into its baud
rate generator mode as shown in Figure 92.
In this case, the baud rate is given by the following formula:
Mode 1 and Mode 3 Baud Rate =
()
[]
()
L
RCAP
H
RCAP
f
CORE
2
:
2
65536
16
−
×
UART Timer Generated Baud Rates
The high integer dividers in a UART block mean that high speed
baud rates are not always possible. In addition, generating baud
rates requires the exclusive use of a timer, rendering it unusable
for other applications when the UART is required. To address
this problem, each ADE7566/ADE7569 has a dedicated baud
rate timer (UART timer) specifically for generating highly
accurate baud rates. The UART timer can be used instead of
Timer 1 or Timer 2 for generating very accurate high speed
UART baud rates, including 115,200 bps. This timer also allows
a much wider range of baud rates to be obtained. In fact, every
desired bit rate from 12 bps to 393,216 bps can be generated to
within an error of ±0.8%. The UART timer also frees up the other
three timers, allowing them to be used for different applications.
A block diagram of the UART timer is shown in Figure 91.
÷(1 + SBAUDF/64)
UART TIMER
Rx/Tx CLOCK
fCORE
UARTBAUDEN
Rx CLOCK
Tx CLOCK
TIMER 1/TIMER 2
Rx CLOCK
FRACTIONAL
DIVIDER
0
0
1
1
TIMER 1/TIMER 2
Tx CLOCK
÷32
÷2DIV + SBTH
Figure 91. UART Timer, UART Baud Rate
Two SFRs, Enhanced Serial Baud Rate Control SFR (SBAUDT,
0x9E) and UART Timer Fractional Divider SFR (SBAUDF,
0x9D), are used to control the UART timer. SBAUDT is the
baud rate control SFR; it sets up the integer divider (DIV) and
the extended divider (SBTH) for the UART timer.
The appropriate value to write to the DIV[2:0] and SBTH[1:0]
bits can be calculated using the following formula where fCORE is
defined in the POWCON SFR (see
Table 23). Note that the DIV value must be rounded down to
the nearest integer.
()
2
log
16
log
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
=
+
Rate
Baud
f
SBTH
DIV
CORE
fCORE
T2
PIN
TR2
CONTROL
TL2
(8 BITS)
TH2
(8 BITS)
RELOAD
EXEN2
CONTROL
T2EX
PIN
TRANSITION
DETECTOR
EXF 2
TIMER 2
INTERRUPT
RCAP2L
RCAP2H
TIMER 2
OVERFLOW
2
16
16
RCLK
TCLK
Rx
CLOCK
Tx
CLOCK
0
0
1
1
1
0
SMOD
TIMER 1
OVERFLOW
C/ T2 = 0
C/ T2 = 1
NOTE: AVAILABILITY OF ADDITIONAL
EXTERNAL INTERRUPT
Figure 92. Timer 2, UART Baud Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com