Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 115 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 115 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 111Page - Analog Devices ADE7566 Datasheet HTML 112Page - Analog Devices ADE7566 Datasheet HTML 113Page - Analog Devices ADE7566 Datasheet HTML 114Page - Analog Devices ADE7566 Datasheet HTML 115Page - Analog Devices ADE7566 Datasheet HTML 116Page - Analog Devices ADE7566 Datasheet HTML 117Page - Analog Devices ADE7566 Datasheet HTML 118Page - Analog Devices ADE7566 Datasheet HTML 119Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 115 of 136
UART OPERATION MODES
Mode 0 (Shift Register with Baud Rate Fixed at fCORE/12)
Mode 0 is selected when the SM0 and SM1 bits in the Serial
Communications Control Register Bit Description SFR (SCON,
0x98) are cleared. In this shift register mode, serial data enters
and exits through RxD. TxD outputs the shift clock. The baud
rate is fixed at fCORE/12. Eight data bits are transmitted or
received.
Transmission is initiated by any instruction that writes to the
Serial Port Buffer SFR (SBUF, 0x99). The data is shifted out of
the RxD line. The 8 bits are transmitted with the least significant
bit (LSB) first.
Reception is initiated when the receive enable bit (REN) is 1
and the receive interrupt bit (RI) is 0. When RI is cleared, the
data is clocked into the RxD line, and the clock pulses are
output from the TxD line as shown in Figure 89.
RxD
(DATA OUT)
TxD
(SHIFT CLOCK)
DATA BIT 0
DATA BIT 1
DATA BIT 6
DATA BIT 7
Figure 89. 8-Bit Shift Register Mode
Mode 1 (8-Bit UART, Variable Baud Rate)
Mode 1 is selected by clearing SM0 and setting SM1. Each data
byte (LSB first) is preceded by a start bit (0) and followed by a
stop bit (1). Therefore, each frame consists of 10 bits transmitted
on TxD or received on RxD.
The baud rate is set by a timer overflow rate. Timer 1 or Timer 2
can be used to generate baud rates, or both timers can be used
simultaneously where one generates the transmit rate and the
other generates the receive rate. There is also a dedicated timer
for baud rate generation, the UART timer, which has a fractional
divisor to precisely generate any baud rate (see the UART Timer
Generated Baud Rates section).
Transmission is initiated by a write to the Serial Port Buffer SFR
(SBUF, 0x99) Next, a stop bit (1) is loaded into the ninth bit
position of the transmit shift register. The data is output bit-by-
bit until the stop bit appears on TxD and the transmit interrupt
flag (TI) is automatically set as shown in Figure 90.
TxD
TI
(SCON.1)
START
BIT
D0
D1
D2
D3
D4
D5
D6
D7
STOP BIT
SET INTERRUPT
(FOR EXAMPLE,
READY FOR MORE DATA)
Figure 90. 8-Bit Variable Baud Rate
Reception is initiated when a 1-to-0 transition is detected on
RxD. Assuming that a valid start bit is detected, character
reception continues. The 8 data bits are clocked into the serial
port shift register.
All of the following conditions must be met at the time the final
shift pulse is generated to receive a character:
If the extended UART is disabled (EXTEN = 0 in the CFG
SFR), RI must be 0 to receive a character. This ensures that
the data in the SBUF SFR is not overwritten if the last
received character has not been read.
If frame error checking is enabled by setting SM2, the
received stop bit must be set to receive a character. This
ensures that every character received comes from a valid
frame, with both a start bit and a stop bit.
If any of these conditions are not met, the received frame is
irretrievably lost, and the receive interrupt flag (RI) is not set.
If the received frame has met the previous criteria, the following
events occur:
The 8 bits in the receive shift register are latched into the
SBUF SFR.
The ninth bit (stop bit) is clocked into RB8 in the SCON SFR.
The receiver interrupt flag (RI) is set.
Mode 2 (9-Bit UART with Baud Fixed at fCORE/64 or fCORE/32)
Mode 2 is selected by setting SM0 and clearing SM1. In this
mode, the UART operates in 9-bit mode with a fixed baud rate.
The baud rate is fixed at fCORE/64 by default, although setting the
SMOD bit in the Program Control SFR (PCON, 0x87) doubles
the frequency to fCORE/32. Eleven bits are transmitted or received:
a start bit (0), 8 data bits, a programmable ninth bit, and a stop
bit (1). The ninth bit is most often used as a parity bit or as part
of a multiprocessor communication protocol, although it can be
used for anything, including a ninth data bit, if required.
To use the ninth data bit as part of a communication protocol for
a multiprocessor network such as RS-485, the ninth bit is set to
indicate that the frame contains the address of the device that
the master would like to communicate with. The devices on the
network are always listening for a packet with the ninth bit set
and are configured such that if the ninth bit is cleared, the frame
is not valid, and a receive interrupt is not generated. If the ninth
bit is set, all devices on the network receive the address and obtain a
receive character interrupt. The devices examine the address and if
it matches one of the device’s preprogrammed address, that device
configures itself to listen to all incoming frames, even those with
the ninth bit cleared. Because the master has initiated commu-
nication with that device, all the following packets with the
ninth bit cleared are intended specifically for that addressed
device until another packet with the ninth bit set is received. If
the address does not match, the device continues to listen for
address packets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com