Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 112 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 112 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 108Page - Analog Devices ADE7566 Datasheet HTML 109Page - Analog Devices ADE7566 Datasheet HTML 110Page - Analog Devices ADE7566 Datasheet HTML 111Page - Analog Devices ADE7566 Datasheet HTML 112Page - Analog Devices ADE7566 Datasheet HTML 113Page - Analog Devices ADE7566 Datasheet HTML 114Page - Analog Devices ADE7566 Datasheet HTML 115Page - Analog Devices ADE7566 Datasheet HTML 116Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 136 page
background image
ADE7566/ADE7569
Preliminary Technical Data
Rev. PrA | Page 112 of 136
UART SERIAL INTERFACE
The ADE7566/ADE7569 UART can be configured in one of
four modes.
Shift register with baud rate fixed at fCORE/12
8-bit UART with variable baud rate
9-bit UART with baud rate fixed at fCORE/64 or fCORE/32
9-bit UART with variable baud rate
Variable baud rates are defined by using an internal timer to
generate any rate between 300 baud/sec and 115,200 baud/sec.
The UART serial interface provided in the ADE7566/ADE7569
is a full-duplex serial interface. It is also receive buffered by
storing the first received byte in a receive buffer until the
reception of the second byte is complete. The physical interface
to the UART is provided via the RxD (P1.0) and TxD (P1.1)
pins, while the firmware interface is through the SFRs presented
in Table 127.
Both the serial port receive and transmit registers are accessed
through the Serial Port Buffer SFR (SBUF, 0x99). Writing to
SBUF loads the transmit register, and reading SBUF accesses a
physically separate receive register.
An enhanced UART mode is offered by using the UART timer
and by providing enhanced frame error, break error, and
overwrite error detection. This mode is enabled by setting the
EXTEN bit in the Configuration SFR (CFG, 0xAF) (see the
UART Additional Features section). The Enhanced Serial Baud
Rate Control SFR (SBAUDT, 0x9E) and UART Timer Fractional
Divider SFR (SBAUDF, 0x9D) are used to configure UART
timer and to indicate the enhanced UART errors.
UART SFR REGISTERS
Table 127. Serial Port SFRs
SFR
Address
Bit Addressable
Description
SCON
0x98
Yes
Serial Communications Control Register (see Table 128).
SBUF
0x99
No
Serial Port Buffer (see Table 129).
SBAUDT
0x9E
No
Enhanced Error Checking (see Table 130).
SBAUDF
0x9D
No
Enhanced Fractional Divider (see Table 131).
Table 128. Serial Communications Control Register Bit Description SFR (SCON, 0x98)
Bit No.
Address
Mnemonic
Default
Description
UART Serial Mode Select Bits. These bits select the serial port operating mode.
SM[0:1]
Result (Selected Operating Mode)
00
Mode 0, shift register, fixed baud rate (fCORE/12).
01
Mode 1, 8-bit UART, variable baud rate.
10
Mode 2, 9-bit UART, fixed baud rate (fCORE/32) or (fCORE/16).
7 to 6
0x9F, 0x9E
SM0, SM1
00
11
Mode 3, 9-bit UART, variable baud rate.
5
0x9D
SM2
0
Multiprocessor Communication Enable Bit. Enables multiprocessor communication in
Mode 2 and Mode 3, and framing error detection in Mode 1.
In Mode 0, SM2 should be cleared.
In Mode 1, if SM2 is set, RI is not activated if a valid stop bit was not received.
If SM2 is cleared, RI is set as soon as the byte of data is received.
In Modes 2 or 3, if SM2 is set, RI is not activated if the received ninth data bit in RB8 is 0.
If SM2 is cleared, RI is set as soon as the byte of data is received.
4
0x9C
REN
0
Serial Port Receive Enable Bit. Set by user software to enable serial port reception.
Cleared by user software to disable serial port reception.
3
0x9B
TB8
0
Serial Port Transmit (Bit 9). The data loaded into TB8 is the ninth data bit transmitted in
Mode 2 and Mode 3.
2
0x9A
RB8
0
Serial Port Receiver Bit 9. The ninth data bit received in Mode 2 and Mode 3 is latched
into RB8. For Mode 1, the stop bit is latched into RB8.
1
0x99
TI
0
Serial Port Transmit Interrupt Flag. Set by hardware at the end of the eighth bit in Mode 0 or
at the beginning of the stop bit in Mode 1, Mode 2, and Mode 3.
TI must be cleared by user software.
0
0x98
RI
0
Serial Port Receive Interrupt Flag. Set by hardware at the end of the eighth bit in Mode 0, or
halfway through the stop bit in Mode 1, Mode 2, and Mode 3.
RI must be cleared by user software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com