Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566 Datasheet(PDF) 113 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 113 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 109Page - Analog Devices ADE7566 Datasheet HTML 110Page - Analog Devices ADE7566 Datasheet HTML 111Page - Analog Devices ADE7566 Datasheet HTML 112Page - Analog Devices ADE7566 Datasheet HTML 113Page - Analog Devices ADE7566 Datasheet HTML 114Page - Analog Devices ADE7566 Datasheet HTML 115Page - Analog Devices ADE7566 Datasheet HTML 116Page - Analog Devices ADE7566 Datasheet HTML 117Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 113 of 136
Table 129. Serial Port Buffer SFR (SBUF, 0x99)
Bit No.
Mnemonic
Default
Description
7 to 0
SBUF
0
Serial Port Data Buffer.
Table 130. Enhanced Serial Baud Rate Control SFR (SBAUDT, 0x9E)
Bit No.
Mnemonic
Default
Description
7
OWE
0
Overwrite Error. This bit is set when new data is received and RI = 1. It indicates that SBUF was not
read before the next character was transferred in, causing the prior SBUF data to be lost. Write a 0 to
this bit to clear it.
6
FE
0
Frame Error. This bit is set when the received frame did not have a valid stop bit. This bit is read only
and updated every time a frame is received.
5
BE
0
Break Error. This bit is set whenever the receive data line (Rx) is low for longer than a full transmission
frame, which is the time required for a start bit, 8 data bits, a parity bit, and half a stop bit. This bit is
updated every time a frame is received.
4, 3
SBTH1, SBTH0
0
Extended divider ratio for baud rate setting as shown in Table 132.
2, 1, 0
DIV2, DIV1, DIV0
0
Binary Divider.
DIV[2:0]
Result
000
Divide by 1 (see Table 132).
001
Divide by 2 (see Table 132).
010
Divide by 4 (see Table 132).
011
Divide by 8 (see Table 132).
100
Divide by 16 (see Table 132).
101
Divide by 32 (see Table 132).
110
Divide by 64 (see Table 132).
111
Divide by 128 (see Table 132).
Table 131. UART Timer Fractional Divider SFR (SBAUDF, 0x9D)
Bit No.
Mnemonic
Default
Description
7
UARTBAUDEN
0
UART Baud Rate Enable. Set to enable UART timer to generate the baud rate. When set,
PCON.7 (SMOD), T2CON.4 (TCLK), and T2CON.5 (RCLK) are ignored.
Cleared to let the baud rate be generated as per a standard 8052.
6
Not Implemented, Write Don’t Care.
5
SBAUDF.5
0
UART Timer Fractional Divider Bit 5.
4
SBAUDF.4
0
UART Timer Fractional Divider Bit 4.
3
SBAUDF.3
0
UART Timer Fractional Divider Bit 3.
2
SBAUDF.2
0
UART Timer Fractional Divider Bit 2.
1
SBAUDF.1
0
UART Timer Fractional Divider Bit 1.
0
SBAUDF.0
0
UART Timer Fractional Divider Bit 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com