Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002DIE2 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STE2002DIE2
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE2 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STE2002DIE2 Datasheet HTML 16Page - STMicroelectronics STE2002DIE2 Datasheet HTML 17Page - STMicroelectronics STE2002DIE2 Datasheet HTML 18Page - STMicroelectronics STE2002DIE2 Datasheet HTML 19Page - STMicroelectronics STE2002DIE2 Datasheet HTML 20Page - STMicroelectronics STE2002DIE2 Datasheet HTML 21Page - STMicroelectronics STE2002DIE2 Datasheet HTML 22Page - STMicroelectronics STE2002DIE2 Datasheet HTML 23Page - STMicroelectronics STE2002DIE2 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
STE2002
20/51
Bus Interfaces
To provide the widest flexibility and ease of use the STE2002 features three different methods for interfacing
the host Controller. To select the desired interface the SEL1 and SEL2 pads need to be connected to a logic
LOW (connect to GND) or a logic HIGH (connect to VDD). All the I/O pins of the unused interfaces must be
connected to GND.
All interfaces are working while the STE2002 is in Power Down
.
I2C Interface
The I2C interface is a fully complying I2C bus specification, selectable to work in both Fast (400kHz Clock) and
High Speed Mode (3.4MHz).
This bus is intended for communication between different Ics. It consists of two lines: one bi-directional for data
signals (SDA) and one for clock signals (SCL). Both the SDA and SCL lines must be connected to a positive
supply voltage via an active or passive pull-up.
The following protocol has been defined:
- Data transfer may be initiated only when the bus is not busy.
- During data transfer, the data line must remain stable whenever the clock line is high. Changes in the data line
while the clock line is high will be interpreted as control signals.
Accordingly, the following bus conditions have been defined:
BUS not busy: Both data and clock lines remain High.
Start Data Transfer: A change in the state of the data line, from High to Low, while the clock is High, define the
START condition.
Stop Data Transfer: A Change in the state of the data line, from low to High, while the clock signal is High,
defines the STOP condition.
Data Valid: The state of the data line represents valid data when after a start condition, the data line is stable
for the duration of the High period of the clock signal. The data on the line may be changed during the Low period
of the clock signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a start condition and terminated with a stop condition. The number of data
bytes transferred between the start and the stop conditions is not limited. The information is transmitted byte-
wide and each receiver acknowledges with the ninth bit.
By definition, a device that gives out a message is called "transmitter", the receiving device that gets the signals
is called "receiver". The device that controls the message is called "master". The devices that are controlled by
the master are called "slaves"
Acknowledge. Each byte of eight bits is followed by one acknowledge bit. This acknowledge bit is a low level
put on the bus by the receiver, whereas the master generates an extra acknowledge related clock pulse.
A slave receiver which is addressed must generate an acknowledge after the reception of each byte. Also, a
master receiver must generate an acknowledge after the reception of each byte that has been clocked out of
the slave transmitter. The device that acknowledges has to pull down the SDA_IN line during the acknowledge
clock pulse. Of course, setup and hold time must be taken into account. A master receiver must signal an end-
of-data to the slave transmitter by not generating an acknowledge on the last byte that has been clocked out of
the slave. In this case, the transmitter must leave the data line High to enable the master to generate the STOP
SEL2
SEL1
Interface
Note
00
I2C
Read and Write; Fast and
High Speed Mode
0
1
Serial
Read and Write
1
0
Parallel
Read and Write
1
1
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com