Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002DIE2 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STE2002DIE2
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE2 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STE2002DIE2 Datasheet HTML 27Page - STMicroelectronics STE2002DIE2 Datasheet HTML 28Page - STMicroelectronics STE2002DIE2 Datasheet HTML 29Page - STMicroelectronics STE2002DIE2 Datasheet HTML 30Page - STMicroelectronics STE2002DIE2 Datasheet HTML 31Page - STMicroelectronics STE2002DIE2 Datasheet HTML 32Page - STMicroelectronics STE2002DIE2 Datasheet HTML 33Page - STMicroelectronics STE2002DIE2 Datasheet HTML 34Page - STMicroelectronics STE2002DIE2 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
31/51
STE2002
Figure 38. Host Processor Interconnection with Parallel Interface
Figure 39. Application Schematic Using an External LCD Voltage Generator
VDD1 / GND / VSSAUX
VDD1 / GND / VSSAUX
VDD1 / GND / VSSAUX
STE2002
µP
VDD1
SA1
SCL
SDAIN
SDAOUT
VDD2
SEL1
SEL2
VSSAUX
E
PD/C
D0
D1
D2
D3
D4
D5
D6
D7
SCLK
SCE
SD/C
SDIN
BSY_FLG
TEST_6
EXT_SET
SA0
RES
OSCIN
VSSAUX
R/W
SDOUT
ICON_MODE
VSSAUX
TEST_4
TEST_5
TEST_3
TEST_10
TEST_8
TEST_9
TEST_7
TEST_2
TEST_1
GND / VSSAUX
VDD1
VDD1
VDD
VDD2
I/O
VDD1
VSS2
VSS1
VLCDSENSE
VLCDOUT
VLCDIN
VSS
VLCD
81x 128
DISPLAY
40
128
100nF
1
µF
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com