Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002DIE2 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STE2002DIE2
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE2 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STE2002DIE2 Datasheet HTML 39Page - STMicroelectronics STE2002DIE2 Datasheet HTML 40Page - STMicroelectronics STE2002DIE2 Datasheet HTML 41Page - STMicroelectronics STE2002DIE2 Datasheet HTML 42Page - STMicroelectronics STE2002DIE2 Datasheet HTML 43Page - STMicroelectronics STE2002DIE2 Datasheet HTML 44Page - STMicroelectronics STE2002DIE2 Datasheet HTML 45Page - STMicroelectronics STE2002DIE2 Datasheet HTML 46Page - STMicroelectronics STE2002DIE2 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
43/51
STE2002
Figure 52. Serial interface Timing
Notes: 1.
2. All timing values are valid within the operating supply voltage and ambient temperature ranges and referenced to VIL and VIH with
an input voltage swing of VSS to VDD
3. Cb is the capacitive load for each bus line.
4. For bus line loads Cb between 100 and 400pF the timing parameters must be linearly interpolated
5. CVLCD is the filtering Capacitor on VLCDOUT
6. Trise and Tfall (30%-70%) = 10 ns
ELECTRICAL CHARACTERISTICS (continued)
AC OPERATION
(VDD1 = 1.7 to 3.6V; VDD2 = 1.75 to 4.2V; Vss1,2 = 0V; VLCD = 4.5 to 11V; Tamb =-40 to 85°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SERIAL INTERFACE
TCYC
Clock Cycle SCLK
VDD1 = 1.7V; Write; note 2, 6
150
ns
TPWH1
SCLK pulse width HIGH
60
ns
TPWL1
SCLK Pulse width LOW
60
ns
TS2
SCE setup time
30
ns
TH2
SCE hold time
50
ns
TPWH2
SCE minimum high time
50
ns
TS3
SD/C setup time
30
ns
TH3
SD/C hold time
40
ns
TS4
SDIN setup time
30
ns
TH4
SDIN hold time
40
ns
TS5
SOUT Access Time
100
ns
TH5
SOUT Disable Time vs. SCLK
100
ns
TH6
SOUT Disable Time vs. SCE
100
ns
D/C
CS
tS2
tS3
tS4
tH2
tPWH2
SDIN
SCLK
tH3
tH4
tPWL1
tWH1
tS2
tCYC
SOUT
tS5
tH5
tH6
LR0001
F
fra m e
f
osc
960
----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com