Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002DIE2 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STE2002DIE2
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE2 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STE2002DIE2 Datasheet HTML 18Page - STMicroelectronics STE2002DIE2 Datasheet HTML 19Page - STMicroelectronics STE2002DIE2 Datasheet HTML 20Page - STMicroelectronics STE2002DIE2 Datasheet HTML 21Page - STMicroelectronics STE2002DIE2 Datasheet HTML 22Page - STMicroelectronics STE2002DIE2 Datasheet HTML 23Page - STMicroelectronics STE2002DIE2 Datasheet HTML 24Page - STMicroelectronics STE2002DIE2 Datasheet HTML 25Page - STMicroelectronics STE2002DIE2 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
STE2002
22/51
the second is a data byte (fig 31). The Co bit is the command MSB and defines if after this command will follow
one data byte and an other command word or if will follow a stream of data (Co = 1 Command word, Co = 0
Stream of data). The D/C bit defines whether the data byte is a command or RAM data (D/C = 1 RAM Data, D/
C = 0 Command).
If Co =1 and D/C = 0 the incoming data byte is decoded as a command, and if Co =1 and D/C =1, the following
data byte will be stored in the data RAM at the location specified by the data pointer.
Every byte of a command word must be acknowledged by all addressed units.
After the last control byte, if D/C is set to a logic 1 the incoming data bytes are stored inside the STE2002 Display
RAM starting at the address specified by the data pointer. The data pointer is automatically updated after every
byte written and in the end points to the last RAM location written.
Every byte must be acknowledged by all addressed units.
Reading Mode.
If the R/W bit is set to logic 1 the chip will output data immediately after the slave address. If the D/C bit sent
during the last write access, is set to a logic 0, the byte read is the status byte.
Figure 31. Communication Protocol
SERIAL INTERFACE
The STE2002 serial Interface is a bidirectional link between the display driver and the application supervisor.
It consists of five lines: two for data signals (SDIN, SOUT), one for clock signals (SCLK), one for the peripheral
enable (SCE) and one for mode selection (SD/C).
The serial interface is active only if the SCE line is set to a logic 0. When SCE line is high the serial peripheral
power consumption is zero. While SCE pin is high the serial interface is kept in reset.
The STE2002 is always a slave on the bus and receive the communication clock on the SCLK pin from the mas-
ter.
Information are exchanged byte-wide. During data transfer, the data line is sampled on the positive SCLK edge.
SD/C line status indicates whether the byte is a command (SD/C =0) or RAM data (SD/C =1);it is read on the
eighth SCLK clock pulse during every byte transfer.
S
S
01111
0
A0A
STE2002 ACK
WRITE MODE
READ MODE
R/W
R/W
SLAVE ADDRESS
Co
STE2002 ACK
COMMAND WORD
CONTROL BYTE
MSB........LSB
Co
LAST
N> 0 BYTE
STE2002 ACK
STE2002 ACK
STE2002 ACK
A
1 DC Control Byte
DATA Byte
A
DC Control Byte
A 0
DATA Byte
A P
S
S
01111
0
A1A
STE2002 ACK
MASTER ACK
P
STE2002
SLAVE ADDRESS
S
01111
0
A
R
/
W
CONTROL BYTE
C
o
D
C
000000 A
S
1
A
S
1
A
S
1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com