Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002DIE2 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STE2002DIE2
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE2 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STE2002DIE2 Datasheet HTML 36Page - STMicroelectronics STE2002DIE2 Datasheet HTML 37Page - STMicroelectronics STE2002DIE2 Datasheet HTML 38Page - STMicroelectronics STE2002DIE2 Datasheet HTML 39Page - STMicroelectronics STE2002DIE2 Datasheet HTML 40Page - STMicroelectronics STE2002DIE2 Datasheet HTML 41Page - STMicroelectronics STE2002DIE2 Datasheet HTML 42Page - STMicroelectronics STE2002DIE2 Datasheet HTML 43Page - STMicroelectronics STE2002DIE2 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
STE2002
40/51
Figure 48. RESET timing diagram
ELECTRICAL CHARACTERISTICS
AC OPERATION
(VDD1 = 1.7 to 3.6V; VDD2 = 1.75 to 4.2V; Vss1,2 = 0V; VLCD = 4.5 to 11V; Tamb =-40 to 85°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
INTERNAL OSCILLATOR
FOSC
Internal Oscillator frequency
VDD = 2.8V;
Tamb = -20 to +70 °C
64
72
80
kHz
FEXT
External Oscillator frequency
20
100
kHz
FFRAME
Frame frequency
fosc or fext = 72 kHz; note 1
75
Hz
Tw(RES)
RES LOW pulse width
5
µs
Reset Pulse Rejection
1
µs
TLOGIC
(RES)
Internal Logic Reset Time
5
µs
TVDD
VDD1 vs. VDD2 Delay
0
µs
VDD1
RES
INPUTS
I/O
(HOST)
LR0118
VDD2
I/O
(DRIVER)
OSC OUT
(DRIVER)
OSCIN
(HOST)
INTERFACE
OUTPUT
Hi-Z
BSY FLG
RESET
TABLE
LOADED
Tw(res)
Hi-Z
Tlogic(res)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com