Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002DIE2 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STE2002DIE2
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002DIE2 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STE2002DIE2 Datasheet HTML 37Page - STMicroelectronics STE2002DIE2 Datasheet HTML 38Page - STMicroelectronics STE2002DIE2 Datasheet HTML 39Page - STMicroelectronics STE2002DIE2 Datasheet HTML 40Page - STMicroelectronics STE2002DIE2 Datasheet HTML 41Page - STMicroelectronics STE2002DIE2 Datasheet HTML 42Page - STMicroelectronics STE2002DIE2 Datasheet HTML 43Page - STMicroelectronics STE2002DIE2 Datasheet HTML 44Page - STMicroelectronics STE2002DIE2 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
41/51
STE2002
Figure 49. I2C-bus timings
ELECTRICAL CHARACTERISTICS
AC OPERATION
(VDD1 = 1.7 to 3.6V; VDD2 = 1.75 to 4.2V; Vss1,2 = 0V; VLCD = 4.5 to 11V; Tamb =-40 to 85°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
I2C BUS INTERFACE (See note 4)
FSCL
SCL Clock Frequency
Fast Mode
DC
400
kHz
High Speed Mode; Cb=100pF
(max);VDD1=2
DC
3.4
MHz
High Speed Mode; Cb=400pF
(max); VDD1=2
DC
1.7
MHz
Fast Mode; VDD1=1.7V
400
KHz
TSU;STA
Set-up time (repeated) START
condition
Note 2, 3, Cb=100pF
160
ns
THD;STA
Hold time (repeated) START
condition
Note 2, 3, Cb=100pF
160
ns
TLOW
LOW period of the SCLH clock
Note 2, 3, Cb=100pF
160
ns
THIGH
HIGH period of the SCLH clock
Note 2, 3, Cb=100pF
60
ns
TSU;DAT
Data set-up time
Note 2, 3, Cb=100pF
10
ns
THD;DAT
Data hold time
Note 2, 3; Cb=100pF
40
ns
Tr;CL
Rise time of SCLH signal
Note 2, 3; Cb=100pF
10
ns
TrCL1
Rise time of SCLH signal after a
repeated START condition and
after an acknowledge bit
Note 2, 3, Cb=100pF
10
ns
TfCL
Fall time of SCLH signal
Note 2, 3, Cb=100pF
10
ns
TrDA
Rise time of SDAH signal
Note 2, 3, 4, Cb=100pF
10
ns
TfDA
Fall time of SDAH signal
Note 2, 3, 4, Cb=100pF
10
80
ns
TrDA
Rise time of SDAH signal
Note 2, 3, 4, Cb=400pF
20
ns
TfDA
Fall time of SDAH signal
Note 2, 3, 4, Cb=400pF
20
160
ns
TSU;STO
Set-up time for STOP condition
Note 2, 3, Cb=100pF
160
ns
Cb
Capacitive load for SDAH and
SCLH
100
400
pF
Cb
Capacitive load for SDAH + SDA
line and SCLH + SCL line
400
pF
Sr
SCLH
SDAH
D00IN1153
tfDA
trDA
tSU;STA
tHD;STA
tHD;DAT
tSU;DAT
tLOW
trCL1
trCL
tHIGH
tHIGH
tLOW
Sr P
trCL1
tfCL
(1)
(1)
= MCS current source pull-up
= Rp resistor pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com